PART |
Description |
Maker |
36511-0098 0365110098 MMB1501R963 MM-B1501-R963 |
2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, 0.60μm (24μ) Gold (Au) Plating, Tail Length 2.90mm (.114), 64 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Through Hole, Vertical, 0.60渭m (24渭") Gold (Au) Plating, Tail Length 2.90mm (.114"), 64 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Through Hole, Vertical, 0.60楼矛m (24楼矛") Gold (Au) Plating, Tail Length 2.90mm (.114"), 64 Circuits
|
Molex Electronics Ltd.
|
0850031378 85003-1378 |
2.54mm (.100) Pitch DIN 41612 C/3 Style Male Header, Right Angle, Through Hole, 1.27μm (50μ) Selective Gold (Au) Plating, 30 Circuits, without Mounting Clips 2.54mm (.100) Pitch DIN 41612 C/3 Style Male Header, Right Angle, Through Hole, 1.27渭m (50渭) Selective Gold (Au) Plating, 30 Circuits, without Mounting Clips 2.54mm (.100) Pitch DIN 41612 C/3 Style Male Header, Right Angle, Through Hole, 1.27楼矛m (50楼矛) Selective Gold (Au) Plating, 30 Circuits, without Mounting Clips
|
Molex Electronics Ltd.
|
0850090103 85009-0103 |
2.54mm (.100) Pitch DIN 41612 M Style Male Header, Right Angle, Through Hole, 52 Circuits 2.54mm (.100") Pitch DIN 41612 M Style Male Header, Right Angle, Through Hole, 52 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
85042-0189 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style C, 64 Circuits
|
Molex Electronics Ltd.
|
0850429025 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style C/2, 48 Circuits
|
Molex Electronics Ltd.
|
0850420270 850420270 |
2.54mm (.100") Pitch DIN 41612 Receptacle, Style C, 96 Circuits
|
Molex Electronics Ltd.
|
85042-1184 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style C/2, 48 Circuits
|
Molex Electronics Ltd.
|
0850426062 85042-6062 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style C, 96 Circuits
|
Molex Electronics Ltd.
|
0365000122 36500-0122 MM-B2502-C963 |
2.54mm (.100") Pitch DIN 41612 C Style Female Receptacle, Vertical, Through Hole, 0.60渭m (24渭") Selective Gold (Au) Plating, 64 Circuits 2.54mm (.100) Pitch DIN 41612 C Style Female Receptacle, Vertical, Through Hole, 0.60μm (24μ) Selective Gold (Au) Plating, 64 Circuits
|
Molex Electronics Ltd.
|
|