PART |
Description |
Maker |
MC100H605FN MC100H605FNG MC100H605 MC100H605FNR2 |
Registered Hex ECL/TTL Translator; Package: 28 LEAD PLCC; No of Pins: 28; Container: Tape and Reel; Qty per Container: 500 HEX ECL TO TTL TRANSLATOR, TRUE OUTPUT, PQCC28 BBG ECL TRNSLATR HEX; Package: 28 LEAD PLCC; No of Pins: 28; Container: Rail; Qty per Container: 37 HEX ECL TO TTL TRANSLATOR, TRUE OUTPUT, PQCC28 Registered Hex ECL to TTL Translator
|
ON Semiconductor
|
100393QC 100393 100393QCX |
Low Power 9-Bit ECL-to-TTL Translator with Latches From old datasheet system ECL-to-TTL Translator 9 ECL TO TTL TRANSLATOR, TRUE OUTPUT, PQCC28
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
100390 100390PC 100390QC 100390QI 100390SC 100390Q |
Low Power Single Supply Hex PECL-to-TTL Translator From old datasheet system Low Power Hex TTL-to-ECL Translator
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
MC100EP16VA MC100EP17 MC100EP29 MC100EP35 MC100EP4 |
3.3V / 5V ECL Differential Receiver/Driver with High Gain 3.3V / 5V ECL Quad Differential Driver/Receiver 3.3V / 5V ECL Dual Differential Data and Clock D Flip?Flop With Set and Reset 3.3V / 5V ECL JK Flip?Flop 3.3V/5V ECL 8?Bit Serial/Parallel Converter 3.3V / 5V ECL Differential Data and Clock D Flip?Flop 3.3V / 5V ECL 4:1 Differential Multiplexer 3.3V / 5V ECL 2:1 Multiplexer 9?Bit TTL to ECL Translator 3.3V / 5V ECL 8?Bit Synchronous Binary Up Counter 3.3V / 5V ECL 2?Input Differential AND/NAND 3.3V / 5V ECL Quad 4?Input OR/NOR 3.3V / 5V ECL Quad 2?Input Differential AND/NAND 3.3 V / 5 V Hex Differential Line Receiver/Driver 3.3V / 5V ECL 1:2 Differential Fanout Buffer 3.3V / 5V ECL 卤2/4, 卤4/5/6 Clock Generation Chip 3.3V / 5V ECL Differential Receiver/Driver with Internal Termination 3.3V ECL Programmable Delay Chip 3.3V / 5V ECL D Flip?Flop with Set and Reset 3.3V / 5V ECL 卤2 Divider 3.3V / 5V ECL 卤4 Divider 3.3 V/5 V 8-Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter 3.3V / 5V ECL 6?Bit Differential Register with Master Reset 3.3V / 5V ECL D Flip?Flop with Reset and Differential Clock 3.3V / 5V ECL Dual Differential 2:1 Multiplexer 3.3V / 5V ECL Coaxial Cable Driver ?3.3V / ?5V Triple ECL Input to LVPECL/PECL Output Translator 3.3V LVTTL/LVCMOS to Differential LVPECL Translator
|
ONSEMI[ON Semiconductor]
|
MC10H606-D |
Registered Hex TTL to PECL Translator
|
ON Semiconductor
|
SY100S324 SY100S324JC SY100S324JCTR SY100S324FC |
LOW POWER HEX TTL-to-ECL TRANSLATOR
|
MICREL[Micrel Semiconductor]
|
MM74C901 MM74C901M MM74C901N MM74C902M MM74C902N M |
Linear Motion Control; Series:LCP12; Track Resistance:5kohm; Resistance Tolerance: /-20%; Power Rating:0.7W; Resistor Element Material:Conductive Hex Inverting TTL Buffer . Hex Non-Inverting TTL Buffer Hex Inverting TTL Buffer • From old datasheet system
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
CY101E383 101E383 |
ECL/TTL/ECL Translator and High-Speed Bus Driver From old datasheet system
|
Cypress
|
74AHCT04D-T |
Hex inverter - Description: Hex Inverter; TTL Enabled ; Logic switching levels: TTL ; Number of pins: 14 ; Output drive capability: /- 8 mA ; Power dissipation considerations: Low Power ; Propagation delay: 3 ns; Voltage: 4.5-5.5 V
|
NXP SEMICONDUCTORS
|
MC54F04 MC54F04J MC74F04N MC54_74F04 ON1228 |
HEX INVERTER FAST SCHOTTKY TTL HEX INVERTER FASTE SCHOTTKY TTL From old datasheet system
|
Motorola, Inc ON Semi
|
MC100H680 MC100H680FN MC10H680 MC10H680FN ON0804 M |
From old datasheet system 4-Bit Differential ECL Bus/TTL Bus Transceiver 4-Bit Differential ECL Bus/TTL Bus Transceciver
|
ONSEMI[ON Semiconductor] Motorola, Inc
|