PART |
Description |
Maker |
MCC162-18IO1 MCC162-14IO1 MCD162-18IO1 MCD162-12IO |
Thyristor and Rectifiers Modules PC Board Connector; No. of Contacts:8; Pitch Spacing:3.96mm; No. of Rows:1; Mounting Type:PCB Thru-hole; Body Material:PA Polyamide (Nylon); Contact Thyristor Modules Thyristor/Diode Modules 300 A, 1400 V, SCR Thyristor Modules Thyristor/Diode Modules 晶闸管模块可控硅/二极管模 Thyristor Modules Thyristor/Diode Modules 300 A, 800 V, SCR Thyristor Modules Thyristor/Diode Modules 300 A, 1800 V, SCR
|
IXYS[IXYS Corporation] IXYS, Corp.
|
2SB922L 2SD1238L 2SD1238LR 2SB922LS |
Dual/Triple-Voltage µP Supervisory Circuits TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 12A I(C) 80V/12A Switching Applications
|
SANYO[Sanyo Semicon Device]
|
A-P04BFFA-S180-WP-R A-P07BFFA-S180-WP-R A-P04BMMA- |
WATERPROOF POWER CONNECTOR 4 & 7 PINS (12A & 8A), ASSEMBLY TYPE 3 PE POWER CONNECTOR(12A)
|
Assmann Electronics Inc.
|
STW12NB60 7799 |
12 A, 600 V, 0.6 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247 CONNECTOR ACCESSORY N-CHANNEL 600V - 0.5ohm - 12A TO-247 PowerMesh⑩II MOSFET From old datasheet system N-CHANNEL 600V 0.5 OHM 12A TO-247 POWERMESH MOSFET N-CHANNEL 600V - 0.5ohm - 12A TO-247 PowerMesh?II MOSFET N-CHANNEL 600V 0.5 OHM 12A TO-247 POWERMESH MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
LTM4613 LTM4611 LTM4601A LTM4601AHV LTM4628 LTM802 |
12A 28VIN DC/DC μModule Regulator 12A 28VIN DC/DC μModule Regulator with PLL, Output Tracking and Margining
|
Linear Technology Linear Dimensions Semiconductor
|
STD12NE06L STD12NE06L-1 |
TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 12A I(D) | TO-251AA 晶体管| MOSFET的| N沟道| 60V的五(巴西)直| 12A条(丁)|51AA N - CHANNEL 60V - 0.09ohm- 12A TO-251/TO-252 STripFET POWER MOSFET N-CHANNEL POWER MOSFET
|
California Eastern Laboratories, Inc. STMicroelectronics ST Microelectronics
|
OM5256SM OM5255SM OM5250SM OM5251SM OM5252SM OM525 |
300V 12A Hi-Rel Ultra-Fast Common Cathode Diode in a SMD-3 package 100V 12A Hi-Rel Ultra-Fast Common Cathode Diode in a SMD-3 package ISOLATED SURFACE MOUNT HIGH EFFICIENCY CENTER-TAP RECTIFIER 200V 12A Hi-Rel Ultra-Fast Common Cathode Diode in a SMD-3 package 6 A, SILICON, RECTIFIER DIODE
|
International Rectifier List of Unclassifed Manufacturers ETC[ETC]
|
2SD1062 SD1062 |
POWER TRANSISTORS(12A,50V,40W) 功率晶体管(12A0V,功0W POWER TRANSISTORS(12A/50V/40W)
|
Mospec Semiconductor, Corp. MOSPEC[Mospec Semiconductor]
|
MII75-12A3 MDI75-12A3 MID75-12A3 |
IGBT Modules - Short Circuit SOA Capability Square RBSOA 90 A, 1200 V, N-CHANNEL IGBT IGBT Modules: Boost Configurated IGBT Modules
|
IXYS, Corp. IXYS[IXYS Corporation]
|
BDW93A BDW94A BDW93 BDW93B BDW93C BDW94 BDW94B BDW |
POWER TRANSISTORS(12A,45-100V,80W) 功率晶体管(2A ,45 - 100V的,80瓦) RJZ Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 05V; Output Voltage (Vdc): 12V; Power: 2W; 2W Single and Dual Outputs POWER TRANSISTORS(12A/45-100V/80W) POWER TRANSISTORS(12A45-100V80W)
|
Mospec Semiconductor, Corp. MOSPEC SEMICONDUCTOR CORP. MOSPEC[Mospec Semiconductor]
|