PART |
Description |
Maker |
VBO36-12NO8 VBO20-16NO2 VBE20-20NO1 FBO40-12N VBO6 |
3 PHASE, 30 A, 1200 V, SILICON, BRIDGE RECTIFIER DIODE 31 A, 1600 V, SILICON, BRIDGE RECTIFIER DIODE Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED) 20 A, 2000 V, SILICON, BRIDGE RECTIFIER DIODE Single Phase Rectifier Bridgein ISOPLUS i4-PAC-TM 40 A, 1200 V, SILICON, BRIDGE RECTIFIER DIODE Single Phase Rectifier Bridge 65 A, 1800 V, SILICON, BRIDGE RECTIFIER DIODE
|
IXYS, Corp. IXYS CORP
|
VHF15-16IO5 VHF15-08IO5 VHF15-12IO5 VHF15-14IO5 VH |
Power Modules/Rectifier Bridge Modules: Single Phase Half-control Bridges / Single Phase, Full-control Rectifier Bridges From old datasheet system Half Controlled Single Phase Rectifier Bridge(VRRM00-1600V的半桥控制单相位整流 Insulation Displacement (IDC) Connector; No. of Contacts:60; Contact Termination:IDC; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Pitch Spacing:0.05" RoHS Compliant: Yes 15 A, 800 V, SCR Half Controlled Single Phase Rectifier Bridge 15 A, 1200 V, SCR
|
IXYS[IXYS Corporation] IXYS, Corp.
|
W06M W04M RB151 W02M W005M W08 W01 W06 W10 W01M W0 |
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 TO 1000V CURRENT:1.5A 1.5A Single Phase Silicon Bridge 1.5A SINGLE - PHASE SILICON BRIDGE 1.5ASinglePhaseSiliconBridge
|
Chenyi Electronics SEMTECH[Semtech Corporation]
|
DBI25005 DBI25-005 DBI25-01 DBI25-02 DBI25-04 DBI2 |
Three-Phase Si-Bridge Rectifiers 3 PHASE, 4 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE LAMBDA PART RoHS Compliant: Yes 3 PHASE, 4 A, 1200 V, SILICON, BRIDGE RECTIFIER DIODE Three-Phase Si-Bridge Rectifiers 3 PHASE, 4 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE XTAL CER SMT 6X3.5 2PAD Front Panel Terminals; For Use With:Lambda ZUP Series Switch Mode Power Supplies CRYSTAL OSCILLATOR CITIZEN CS1016.000MABJTR 16MHZ CS10
|
Diotec Semiconductor AG DIOTEC[Diotec Semiconductor] Diotec Elektronische
|
110MT160K 110MT160KB 110MT160MT 90MT80KB 110MT100K |
3 PHASE, 110 A, 1400 V, SILICON, BRIDGE RECTIFIER DIODE 1200V 3 Phase Bridge in a INT-A-Pak package 1600V 3 Phase Bridge in a INT-A-Pak package 1000V 3 Phase Bridge in a INT-A-Pak package 1400V 3 Phase Bridge in a INT-A-Pak package 800V 3 Phase Bridge in a INT-A-Pak package THREE PHASE BRIDGE CAP 3300PF 100V 100V X7R RAD.20 .20X.20 BULK P-MIL-PRF-39014 三相桥式 3 PHASE, 90 A, 1200 V, SILICON, BRIDGE RECTIFIER DIODE
|
IRF[International Rectifier] International Rectifier, Corp.
|
RS401L08 RS407GL-BP RS406GL-BP RS401GL-BP RS402GL- |
4 Amp Single Phase Bridge Rectifier 50 to 1000 Volts RECTIFIER BRIDGE 4A 1000V RS-4L 4 A, 1000 V, SILICON, BRIDGE RECTIFIER DIODE RECTIFIER BRIDGE 4A 200V RS-4L 4 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE
|
天津环球磁卡股份有限公司 Micro Commercial Components, Corp. Micro Commercial Compon...
|
1W005 1W10 1W06 1W08 1W01 1W02 1W04 1W010 |
Single phase 1.0 A silicon bridge rectifier. Max recurrent peak reverse voltage 1000 V. SINGLE PHASE 1.0 AMP SILICON BRIDGE RECTIFIERS SINGLEPHASE1.0AMPSILICONBRIDGERECTIFIERS 16-PIN,DIP,0.3''''WIDE,STAMPED,TIN
|
JGD[Jinan Gude Electronic Device] JinanGudeElectronicDevice 济南固锝电子器件有限公司
|
VUO105-14NO7 VUO105 VUO105-12NO7 VUO105-16NO7 VUO1 |
XTAL MTL T/H HC49/US 3 PHASE, 160 A, 1400 V, SILICON, BRIDGE RECTIFIER DIODE From old datasheet system Three Phase Rectifier Bridge Power Modules/Rectifier Bridge Modules: Three Phase Diode Bridges
|
IXYS, Corp. IXYS Corporation
|
VBO55 VBO55-08NO7 VBO55-14NO7 VBO55-18NO7 VBO55-16 |
Power Modules/Rectifier Bridge Modules: Single Phase Diode Bridges SINGLE PHASE RECTIFIER BRIDGE
|
IXYS Corporation
|
VBO40 VBO40-12NO6 VBO40-16NO6 VBO40-08NO6 |
Power Modules/Rectifier Bridge Modules: Single Phase Diode Bridges Single Phase Rectifier Bridge
|
IXYS[IXYS Corporation]
|