PART |
Description |
Maker |
A5030A A5030U A5030Z F1251T P0080SAMC P0300ZA P030 |
solid state crowbar devices 25 V, four-port metallic line protector 65 V, four-port longitudinal two-chip protector 58 V, four-port longitudinal two-chip protector 120 V, four-port metallic line protector 90 V, four-port metallic line protector 75 V, four-port metallic line protector 58 V, ethernet/10 base T/100 Base T protector 65 V, four-port metallic line protector 275 V, two-chip microcapacitance sidactor device 100 V, LCAS asymmetrical multiport device 400 V, multiport balanced sidactor device 100 mA, battrax quad negative SLIC protector 160 mA, battrax quad negative SLIC protector 200 mA, battrax quad negative SLIC protector 400 V, balanced three-chip sidactor device 200 mA, battrax dual negative SLIC protector 58 V, multiport SLIC protector 75 V, multiport SLIC protector 100 mA, battrax dual negative SLIC protector 160 mA, battrax dual negative SLIC protector 65 V, multiport SLIC protector 95 V, multiport SLIC protector 550 V, 50 mA, high surge current sidactor device 25 V, four-port longitudinal two-chip protector 90 V, four-port longitudinal two-chip protector 120 V, four-port longitudinal two-chip protector 190 V, four-port longitudinal two-chip protector 275 V, four-port longitudinal two-chip protector
|
Teccor Electronics
|
HC5526 |
ITU CO/PABX SLIC with Low Power Standby(用户线接口电路(SLIC)) 国际电联合作/交换机用户接口的低功耗待机(用户线接口电路电路(SLIC))
|
Intersil Corporation Intersil, Corp.
|
MC7905CT MC7906CT MC79XXCT MC7924CT MC7908CT MC790 |
IC VREG 24 V FIXED NEGATIVE REGULATOR, PSFM3, TO-220, 3 PIN, Fixed Negative Single Output Standard Regulator 3-Terminal Fixed Negative Voltage Regulators IC VREG 9 V FIXED NEGATIVE REGULATOR, PSFM3, TO-220, 3 PIN, Fixed Negative Single Output Standard Regulator
|
VISAY[Vishay Siliconix] Vishay Semiconductors
|
ST1284 ST1284-01 ST1284-01A8 ST1284-01A8RL ST1284- |
PARALLEL PORT SINGLE TERMINATION NETWORK WITH /-15KV ESD PROTECTION PARALLEL PORT SINGLE TERMINATION NETWORK WITH ±15kV ESD PROTECTION PARALLEL PORT SINGLE TERMINATION NETWORK WITH 15kV ESD PROTECTION PARALLEL PORT SINGLE TERMINATION NETWORK WITH 【15KV ESD PROTECTION RECTIFIER FAST-RECOVERY SINGLE 1A 400V 30A-ifsm 1.3V-vf 150ns 5uA-ir DO-41 5K/REEL-13 并行端口终端网络与单15kV ESD保护 PARALLEL PORT SINGLE TERMINATION NETWORK WITH 5kV ESD PROTECTION 并行端口终端网络与单5kV ESD保护
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
L8576B |
Dual Ringing SLIC(双通道振铃用户环路接口(SLIC
|
Lineage Power
|
HC5515 HC5515CM HC5515CP HC5515IM HC5515IP |
ITU CO/PABX SLIC with Low Power Standby TELECOM-SLIC, PQCC28 ITU CO/PABX SLIC with Low Power Standby TELECOM-SLIC, PDIP22
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
AR1USB1-4068 |
Single Port RJ45 and Single Port USB Combo
|
Allied Components Inter...
|
XFVOIP5E-CLXU1-4MS XFVOIP5E-CLXU1-4MS10 XFVOIP5E-C |
SINGLE PORT CIMBO SINGLE PORT COMBO
|
XFMRS Inc.
|
L9216A LUCL9216AGF |
Short-Loop Ringing SLIC with Ground Start CAP CER 270PF 3.15KVDC R3 RAD Short-loop ringing SLIC with ground start. SLIC gain = 8.
|
Agere Systems
|
EKI-5525SI-ST |
4-port 1x100FX port (Single/Multi-mode,SC/ST type), Fast Ethernet ProView Switch
|
Advantech Co., Ltd.
|
AR1USB2-3700 |
Single Port RJ45 & Dual Port USB Combo
|
Allied Components International
|