PART |
Description |
Maker |
PPG312F PPG312F-100 PPG312F-5 PPG312F-.5 PPG312F-5 |
0.5 /-0.3 ns, 12-BIT, programmable pulse generator 12-BIT PROGRAMMABLE PULSE GENERATOR 12位可编程脉冲发生 12-BIT PROGRAMMABLE PULSE GENERATOR(SERIES PPG312F) 12位可编程脉冲发生器(系列PPG312F
|
Electronic Theatre Controls, Inc. ETC Data Delay Devices Inc
|
AT90S1200-4PC AT90S1200-4PI AT90S1200-12YC AT90S12 |
8-bit Microcontroller with 1K Byte of In-System Programmable Flash -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 位AVR微控制器具有8K字节的系统内可编程闪 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 4 MHz, RISC MICROCONTROLLER, PDSO20 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 12 MHz, RISC MICROCONTROLLER, PDIP20 Data and Non-volatile Program Memory
|
ATMEL Corporation Atmel, Corp. Atmel Corp.
|
T89C51RD2-RDBC-M T89C51RD2-RDBI-L T89C51RD2-RDBC-L |
0 to 40MHz Flash Programmable 8-bit Microcontroller IC - OPTOISOLATOR 4N28 00MHz可编程闪位微控制 0 to 40MHz Flash Programmable 8-bit Microcontroller 00MHz可编程闪位微控制 0 to 40MHz Flash Programmable 8-bit Microcontroller 00MHz可编程闪8位微控制 SOCKET, 479P, MPGA479, PENTIUM M, CENTRINO, SMT, 1.27MM PITCH
|
ATMEL Corporation http:// Atmel, Corp. Atmel Corp.
|
PDU54-1500 PDU54-2000 PDU54-1200M PDU54-1200MC4 PD |
Delay 1500 /-200 ns, 4-BIT, ECL-interfaced programmable delay line Delay 2000 /-400 ns, 4-BIT, ECL-interfaced programmable delay line Delay 1200 /-200 ns, 4-BIT, ECL-interfaced programmable delay line Delay 1000 /-200 ns, 4-BIT, ECL-interfaced programmable delay line Delay 200 /-60 ns, 4-BIT, ECL-interfaced programmable delay line Delay 100 /-50 ns, 4-BIT, ECL-interfaced programmable delay line
|
Data Delay Devices Inc
|
ATMEGA32L-8MI ATMEGA32L-8MC ATMEGA32L-8AC ATMEGA32 |
8-bit AVR Microcontroller with 32K Bytes In-System Programmable Flash Electrical Outlet Connector; Voltage Rating:125V; Mounting Type:Cable Mount; Contact Plating:Nickel; Current Rating:15A RoHS Compliant: Yes 8-BIT, FLASH, 8 MHz, RISC MICROCONTROLLER, PQFP44 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 8 MHz, RISC MICROCONTROLLER, PQFP44 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 8 MHz, RISC MICROCONTROLLER, PDIP40 Field Attachable Connector; Number of Contacts:3; Gender:Male
|
ATMEL Corporation Atmel, Corp. Atmel Corp.
|
AT90S8535 AT90S8535-8AC AT90S8535-8AI AT90S8535-8J |
8-Bit microcontroller with 4K bytes in-system programmable flash, 4.0-6.0V pover supply, 8MHz speed -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 4 MHz, RISC MICROCONTROLLER, PQCC44 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 8 MHz, RISC MICROCONTROLLER, PDIP40 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 8 MHz, RISC MICROCONTROLLER, PQFP44 8-Bit Microcontroller with 4K/8K Bytes In-System Programmable Flash 8-Bit microcontroller with 8K bytes in-system programmable flash, 4.0-6.0V pover supply, 8MHz speed
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
MCM7643 MCM7643A MCM7643ADC MCM7643APC MCM7643DC M |
V(cc): 7.0V; 650mA; 4096-bit programmable read only memory 4096 BIT PROGRAMMABLE READ ONLY MEMORIES
|
Motorola, Inc
|
CAT522LI-TE10 CAT522_04 CAT522 CAT522JI-TE10 CAT52 |
SPECIALTY ANALOG CIRCUIT, PDSO14 Configured Digitally Programmable Potentiometer Dual 8-Bit DPP, Buffered Wiper and 3-Wire Serial Interface, Independent Pot Terminals for Programmable Voltage Applications
|
CATALYST[Catalyst Semiconductor]
|
IRU3007 IRU3007CW IRLR024 MBRB1035 HIP6019 IRL3103 |
5-BIT PROGRAMMABLE SYNCHRONOUS BUCK / NON-SYNCHRONOUS /ADJUSTABLE LDO AND 200mA ON-BOARD LDO 5-BIT PROGRAMMABLE SYNCHRONOUS BUCK, NON-SYNCHRONOUS,ADJUSTABLE LDO AND 200mA ON-BOARD LDO 5-BIT PROGRAMMABLE SYNCHRONOUS BUCK/ NON-SYNCHRONOUS/ADJUSTABLE LDO AND 200mA ON-BOARD LDO 5 Bit Prog SynchBuck CIC Non Synch Adj LDO 200mA in a 28-Pin SOIC(WB) package
|
IRF[International Rectifier]
|
AT89LS51-16SI AT89LS5106 |
8-bit Low-Voltage Microcontroller with 4K Bytes In-System Programmable Flash -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 16 MHz, MICROCONTROLLER, PDIP42
|
ATMEL Corporation Atmel, Corp.
|
TC54256 TC54256AF TC54256AP |
32,768 WORD x 8 BIT CMOS ONE TIME PROGRAMMABLE READ ONLY MEMORY 32768 word x 8-bit CMOC one time programmable read only memory, 200ns
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|