PART |
Description |
Maker |
0297005.WXNV 0297003.WXNV 0297002.LXN 0297002.WXNV |
MINI? BLADE FUSE RATED 32V
|
Littelfuse
|
029707.5 |
MINI Blade Fuse Rated 32V
|
Littelfuse, Inc.
|
FUN |
Style Blade Fuse Rated 125V
|
Littelfuse, Inc.
|
166.7000.4302 166.7000.4402 166.7000.4502 166.7000 |
FKS ATO STYLE BLADE FUSE RATED 80V UL 248 Special Purpose Fuses
|
Littelfuse
|
0263.375TX832 026301.5TX832 263.125 0263.125TX832 |
FUSE 375MA VERY FAST Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN FUSE 125MA VERY FAST FUSE 750MA VERY FAST FUSE 500MA VERY FAST FUSE 250MA VERY FAST FUSE 62MA VERY FAST FUSE 3.5A VERY FAST FUSE 5.0A VERY FAST FUSE 3.0A VERY FAST FUSE 2.0A VERY FAST FUSE 1.0A VERY FAST FUSE 4.0A VERY FAST FUSE 2.5A VERY FAST 特快速保险丝.5a FUSE 1.5A VERY FAST 保险.5A非常快
|
Littelfuse, Inc. KEMET Corporation
|
441-R347A-GR |
Blade Fuse Holders
|
List of Unclassifed Manufac...
|
0740266110 0740266110-18 |
VHDM Board-to-Board Daughtercard Receptacle, 2.00mm Pitch, Right-Angle, 6 Rows,2 Blade Power Module, 1 Circuit, Mating Blade Length: 7.50mm Blade 1, 7.50mm Blade 2
|
Molex Electronics Ltd.
|
0740266330 0740266330-18 |
VHDM Board-to-Board Daughtercard Receptacle, 2.00mm Pitch, Right-Angle, 6 Rows,2 Blade Power Module, 1 Circuit, Mating Blade Length: 10.50mm Blade 1, 10.50mm Blade 2
|
Molex Electronics Ltd.
|
0740266420-18 |
VHDM Board-to-Board Daughtercard Receptacle, 2.00mm Pitch, Right-Angle, 6 Rows 2 Blade Power Module, 1 Circuit, Mating Blade Length: 12.00mm Blade 1, 9.00mm Blade 2
|
Molex Electronics Ltd.
|
0740266220 0740266220-18 |
VHDM Board-to-Board Daughtercard Receptacle, 2.00mm Pitch, Right-Angle, 6 Rows, 2 Blade Power Module, 1 Circuit, Mating Blade Length: 9.00mm Blade 1, 9.00mm Blade 2
|
Molex Electronics Ltd.
|
1A1119 1A1119-10 1A1119-05 1A1119-04 1A1120 1A1120 |
PCB Fuse Clips for ATC/ATM Blade 5mm 1/4 & 13/32 Diameter Fuses
|
Cooper Bussmann, Inc.
|
74026-8324 0740268324 |
2.00mm (.079) Pitch VHDM? Board-to-Board Daughtercard Receptacle, Right Angle8-Row, 3 Blade Power Module, 3 Circuits, Mating Blade Length: 10.50mm (.413) Blade
|
Molex Electronics Ltd.
|