PART |
Description |
Maker |
R585332000 R585423440 R585423410 R585322530 |
RF COAXIAL RELAY, SPDT, LATCHED, 0.42A (COIL), 12VDC (COIL), 5040mW (COIL), 3000MHz, PANEL MOUNT RF COAXIAL RELAY, SPDT, FAILSAFE, 0.205A (COIL), 28VDC (COIL), 5740mW (COIL), 18000MHz, PANEL MOUNT RF COAXIAL RELAY, SPDT, FAILSAFE, 0.5A (COIL), 12VDC (COIL), 6000mW (COIL), 3000MHz, 120W (RF INPUT), PANEL MOUNT
|
RADIALL S A
|
R574.F82.600 |
RF COAXIAL RELAY, SP6T, LATCHED, 0.96A (COIL), 12VDC (COIL), 11520mW (COIL), 26500MHz, PANEL MOUNT
|
RADIALL S A
|
SM-2-B-D-TL |
RF COAXIAL RELAY, SP6T, FAILSAFE, 0.19A (COIL), 28VDC (COIL), 5320mW (COIL), 1000MHz, PANEL MOUNT
|
RLC ELECTRONICS INC
|
1155121001 |
POWER/SIGNAL RELAY, SPST, MOMENTARY, 8A (COIL), 115VDC (COIL), 820mW (COIL), THROUGH HOLE-STRAIGHT MOUNT
|
WEIDMULLER
|
SM-3-S-H-I-TL |
RF COAXIAL RELAY, SP6T, FAILSAFE, 0.27A (COIL), 12VDC (COIL), 3240mW (COIL), 6000MHz, PANEL MOUNT
|
RLC ELECTRONICS INC
|
DBR71215P |
DRY REED RELAY, DPDT, MOMENTARY, 0.05A (COIL), 12VDC (COIL), 600mW (COIL), PANEL MOUNT
|
CYNERGY3 CORP
|
FTR-JRJC024W |
POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.022A (COIL), 24VDC (COIL), 530mW (COIL), THROUGH HOLE-STRAIGHT MOUNT
|
FUJITSU COMPONENT LTD
|
531JY-431103A |
RF COAXIAL RELAY, SP3T, LATCHED, 0.21A (COIL), 28VDC (COIL), 5880mW (COIL), 40000MHz, 30W (RF INPUT), PANEL MOUNT
|
DOW-KEY MICROWAVE CORP
|
R577.433.032 RADIALLSA-R577433032 |
RF COAXIAL RELAY, DPDT, LATCHED, 0.125A (COIL), 28VDC (COIL), 3500mW (COIL), 18000MHz, 100W (RF INPUT), PANEL MOUNT
|
RADIALL S A
|
R577.F22.100 |
RF COAXIAL RELAY, SPDT-TRANSFER, FAILSAFE, 0.34A (COIL), 12VDC (COIL), 4080mW (COIL), 26500MHz, 40W (RF INPUT), PANEL MOUNT
|
RADIALL S A
|
OJE-SS-112LM000 |
POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.017A (COIL), 12VDC (COIL), 200mW (COIL), 3A (CONTACT), THROUGH HOLE-STRAIGHT MOUNT ROHS COMPLIANT
|
Buchanan / Tyco Electronics
|
|