PART |
Description |
Maker |
74LCX16821 74LCX16821MEA 74LCX16821MTD 74LCX16821M |
Low Voltage 20-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs 20-Bit D-Type Flip-Flop LVC/LCX/Z SERIES, DUAL 10-BIT DRIVER, TRUE OUTPUT, PDSO56 From old datasheet system Low Voltage 20-Bit D-Type Flip-Flops with 5V Tolerant Inputs and Outputs
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
74LCX16374MTD 74LCX16374 74LCX16374G 74LCX16374MEA |
Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs 低电6位D类触发器V容限输入和输出拖 Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs; Package: TSSOP; No of Pins: 48; Container: Tape & Reel LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74LCX821 74LCX821MTC 74LCX821MSA 74LCX821WM 74LCX8 |
Low Voltage 10-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs From old datasheet system 10-Bit D-Type Flip-Flop LVC/LCX/Z SERIES, 10-BIT DRIVER, TRUE OUTPUT, PDSO24
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
BS62LV8001 BS62LV8001EI BS62LV8001EIP55 BS62LV8001 |
Very Low Power/Voltage CMOS SRAM 1M X 8 bit Very Low Power/Voltage CMOS SRAM 1M X 8 bit 1M X 8 STANDARD SRAM, 70 ns, PBGA48 Very Low Power/Voltage CMOS SRAM 1M X 8 bit 1M X 8 STANDARD SRAM, 55 ns, PBGA48 Aluminum Electrolytic Capacitor; Capacitor Type:High Temperature; Voltage Rating:25VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to C; Capacitance:47uF RoHS Compliant: Yes From old datasheet system Asynchronous 8M(1Mx8) bits Static RAM
|
Brilliance Semiconducto... BRILLIANCE SEMICONDUCTOR, INC. BSI[Brilliance Semiconductor]
|
28C17A-25/K 28C17A-25I/K 28C17AF-25/K 28C17A-20/K |
5V, Low-Power, Parallel-Input, Voltage-Output, 12-Bit DAC 12-Bit DACs with 32-Channel Sample-and-Hold Outputs Evaluation Kit/Evaluation System for the MAX5417_, MAX5418_, MAX5419_ 128Kx8 EEPROM 5V, Low-Power, Voltage-Output, Serial 12-Bit DACs 10-Bit Voltage-Output DACs in 8-Pin µMAX Single-Supply 3V/5V, Voltage-Output, Dual, Precision 12-Bit DACs x8的EEPROM
|
STMicroelectronics N.V.
|
TC74VCXH16373FT TC74VCXH16373FT07 |
Low-Voltage 16-Bit D-Type Latch with Bushold
|
Toshiba Semiconductor
|
TC74VCXH162373FT |
Low-Voltage 16-Bit D-Type Latch with Bushold
|
Toshiba Semiconductor
|
MC74LCX16374DTR2 |
Low-Voltage CMOS 16-Bit D-Type Flip-Flop
|
ON Semiconductor
|
74LVTH322374 74LVTH322374GX |
Low Voltage 32-Bit D-Type Flip-Flop with 3-STATE Outputs and 25 Ohm Series Resistors in the Outputs (Preliminary) Low Voltage 32-Bit D-Type Flip-Flop with 3-STATE Outputs and 25-Ohm Series Resistors in the Outputs (Preliminary) Low Voltage 32-Bit D-Type Flip-Flop with 3-STATE Outputs and 25з Series Resistors in the Outputs (Preliminary) Low Voltage 32-Bit D-Type Flip-Flop with 3-STATE Outputs and 25 Series Resistors in the Outputs (Preliminary) Low Voltage 32-Bit D-Type Flip-Flop with 3-STATE Outputs and 25?/a> Series Resistors in the Outputs (Preliminary)
|
FAIRCHILD[Fairchild Semiconductor]
|
74VCX32374 |
Low Voltage 32-Bit D-Type Flip-Flops From old datasheet system
|
Fairchild
|