PART |
Description |
Maker |
0034.1506 0034.1507 0034.1508 0034.1509 0034.1510 |
FAST BLOW ELECTRIC FUSE, 0.032A, 250VAC, 35A (IR), INLINE/HOLDER Miniature Fuse, 5 x 20 mm, Quick-Acting F, L, 250 VAC
|
Schurter Inc.
|
2010063043 2010080040 2010800040 2010080000 201008 |
miniature fuses Fuse 保险
|
Wickmann by Littelfuse 3M Company Molex, Inc.
|
L5622.5A |
L562 MINIATURE GLASS FUSE LINKS
|
List of Unclassifed Man...
|
00345207 0034.5207 0034.5247 0034.5246 0034.5245 0 |
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, UL, 250 VAC
|
Schurter Inc.
|
0.34.3405 0.34.3407 0.34.3409 0.34.3410 0.34.3411 |
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, 250 VAC
|
Schurter Inc.
|
A12FA250V |
Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 250 VAC
|
Schurter Inc.
|
00343761 0034.3766 0034.3768 0034.3771 0034.3762 0 |
Miniature Fuse, 5 x 20 mm, Time-Lag T, cULus, 250 VAC
|
Schurter Inc.
|
0001.2502.PT 0001.1013.PT 0001.1016.TR 0001.1001.P |
Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Time-Lag T, H, 250 VAC, UL: 115 - 300 VDC
|
Cherry Semiconductor Corporation
|
BC869 BC869-16 BC869-25 BC869_4 BC869/T1 |
From old datasheet system PNP medium power transistor Automotive Fuse; Current Rating:20A; Voltage Rating:32V; Fuse Type:Fast Acting; Body Material:Plastic; Fuse Terminals:Blade; Length:15.41mm; Series:297; Fuse Size/Group:15.41 x 10.92 x 3.81mm
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
0700030 |
One-pos., thermal miniature circuit-breaker for fuse holders in acc. with ISO 8820-3. - TCP 30/DC32V
|
Phoenix Contact
|
201P 201P0400002 20100630021P |
MEDIUM TIME LAG BLOW ELECTRIC FUSE, 0.4A, 250VAC, 80A (IR), THROUGH HOLE MINIATURE FUSES 5x20mm
|
Littelfuse, Inc.
|
BCX54-10 BCX54-16 BCX55-10 BCX55-16 BCX54 BCX56-16 |
Cartridge Fuse; Current Rating:250mA; Voltage Rating:250V; Fuse Type:Time Delay; Fuse Size/Group:5 x 15 mm; Body Material:Glass; Diameter:4.5mm; Fuse Terminals:Ferrule; Leaded Process Compatible:Yes; Length:14.48mm; Series:229P 晶体管的SOT - 89 NPN medium power transistors
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|