PART |
Description |
Maker |
0942460012 |
2.54mm (.100) Pitch, MOX Header, 2.54mm (.100) Grid, Through Hole 2.54mm (.100") Pitch, MOX Header, 2.54mm (.100") Grid, Through Hole
|
Molex Electronics Ltd.
|
98787-1016 0987871016 |
2.54mm (.100) Pitch Pitch MOX Plug Housing, 6 Circuits, Blue
|
Molex Electronics Ltd.
|
0989821020 SD-98982-002 |
2.54mm (.100) Pitch MOX Receptacle Kit, 4 Rows, 40 Circuits, White
|
Molex Electronics Ltd.
|
52598EV40M8 0989821028 |
2.54mm (.100") Pitch MOX Receptacle Kit, 4 Rows, 40 Circuits, Gray 2.54mm (.100) Pitch MOX Receptacle Kit, 4 Rows, 40 Circuits, Gray
|
Molex Electronics Ltd.
|
49908228 SD-98786-001 0987861018 |
2.54mm (.100) Pitch MOX Receptacle Housing, 6 Circuits, Dual Row, Gray
|
Molex Electronics Ltd.
|
SD-98298-002 SD-98298-003 0982980004 |
2.54mm (.100) Pitch MOX Receptacle Housing, 6 Circuits, Breakable, Dual Row, Brown
|
Molex Electronics Ltd.
|
0981980001 SD-98198-003 |
2.54mm (.100) Pitch, MOX Receptacle Housing, FFC, 6 (2x3) Circuits, Black MOLEX Connector
|
Molex Electronics Ltd.
|
0981980003 SD-98198-003 |
2.54mm(.100) Pitch, MOX Receptacle Housing, FFC, 6 (2x3) Circuits, Gray MOLEX Connector
|
Molex Electronics Ltd.
|
0982980003 SD-98298-002 SD-98298-003 |
2.54mm (.100) Pitch MOX Receptacle Housing, 6 Circuits, Breakable, Dual Row, Green MOLEX Connector
|
Molex Electronics Ltd.
|
22-12-2141 22-05-2211 22-05-2251 22-05-2141 22-05- |
14 PIN HEADER, RIGHT ANGLE 2.54MM PITCH (MEMBRANE) 14 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 100 HDR FLAT RTAN 21CKT TIN 21 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,25 Contacts,PIN,0.100 Pitch,PC TAIL Terminal 25 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,14 Contacts,PIN,0.1 Pitch,PC TAIL Terminal 14 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 100 HDR FLAT RTAN 20CKT TIN KK 100 HDR FLAT RTAN 22CKT GOLD HEADER, SQ PIN 0.1" R/A 4WAY ; Ways, No. of:4; Pitch:2.54mm; Approval Bodies:UL, CSA; Colour:White; Current rating:2.5A; Diameter, PCB hole:1.02mm; Dielectric strength:1500V/m; Flammability rating:UL94V-0; Force, de-mating:0.57N; KK 100 HDR FLAT RTAN 2CKT TIN Pin Header; Number of Contacts:10; Pitch Spacing:2.54mm; Number of Rows:1; Gender:Header; Series:4094; Body Material:PA Polyamide (Nylon) 6/6; Color:White; Connecting Termination:Thru-Hole; Contact Plating:Gold
|
Molex, Inc. MOLEX INC
|
98982-1010 74100310 |
2.54mm Pitch MOX Receptacle Kit, Dual Row, 20 Circuits, White
|
Molex Electronics Ltd.
|
98615-1002 |
2.54mm Pitch MOX Female Housing, 64 Circuits, Dual Row, for Wire Crimp Terminals,
|
Molex Electronics Ltd.
|
|