PART |
Description |
Maker |
MMB1901R480 MM-B1901-R480 36512-0196 0365120196 |
2.54mm (.100) Pitch DIN 41612 Header, Vertical, Through Hole, 0.4μm (16μ) Selective Gold (Au), 48 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Vertical, Through Hole, 0.4渭m (16渭") Selective Gold (Au), 48 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Vertical, Through Hole, 0.4楼矛m (16楼矛") Selective Gold (Au), 48 Circuits
|
Molex Electronics Ltd.
|
36509-0032 MM-B2500-R913 0365090032 |
2.54mm (.100) Pitch DIN 41612 R Style Female Receptacle, Right Angle, Through Hole, 0.60μm (24μ) Selective Gold (Au) Plating, 64 Circuits 2.54mm (.100") Pitch DIN 41612 R Style Female Receptacle, Right Angle, Through Hole, 0.60渭m (24渭") Selective Gold (Au) Plating, 64 Circuits 2.54mm (.100") Pitch DIN 41612 R Style Female Receptacle, Right Angle, Through Hole, 0.60楼矛m (24楼矛") Selective Gold (Au) Plating, 64 Circuits
|
Molex Electronics Ltd.
|
0850520830 85052-0830 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style R/2 Reverse, 48 Circuits 2.54mm (.100") Pitch DIN 41612 Receptacle, Style R/2 Reverse, 48 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
85013-3196 0850133196 |
2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R/2 Reverse, 1μm (40μ) Selective Gold (Au), 48 Circuits, Lead free 2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R/2 Reverse, 1渭m (40渭) Selective Gold (Au), 48 Circuits, Lead free 2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R/2 Reverse, 1楼矛m (40楼矛) Selective Gold (Au), 48 Circuits, Lead free
|
Molex Electronics Ltd.
|
96P-6033-52V-0 0850030127 85003-0127 |
2.54mm (.100) Pitch DIN 41612 Header, Style C, Right Angle, Through Hole, 0.6μm (24μ) Selective Gold (Au), 64 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Style C, Right Angle, Through Hole, 0.6渭m (24渭") Selective Gold (Au), 64 Circuits
|
Molex Electronics Ltd.
|
85003-3067 0850033067 |
2.54mm (.100") Pitch DIN 41612 Header, Style C/2 , Right Angle, Through Hole, 0.6渭m (24渭") Selective Gold (Au), 48 Circuits 2.54mm (.100) Pitch DIN 41612 Header, Style C/2 , Right Angle, Through Hole, 0.6μm (24μ) Selective Gold (Au), 48 Circuits
|
Molex Electronics Ltd.
|
0850031378 85003-1378 |
2.54mm (.100) Pitch DIN 41612 C/3 Style Male Header, Right Angle, Through Hole, 1.27μm (50μ) Selective Gold (Au) Plating, 30 Circuits, without Mounting Clips 2.54mm (.100) Pitch DIN 41612 C/3 Style Male Header, Right Angle, Through Hole, 1.27渭m (50渭) Selective Gold (Au) Plating, 30 Circuits, without Mounting Clips 2.54mm (.100) Pitch DIN 41612 C/3 Style Male Header, Right Angle, Through Hole, 1.27楼矛m (50楼矛) Selective Gold (Au) Plating, 30 Circuits, without Mounting Clips
|
Molex Electronics Ltd.
|
36511-0122 0365110122 MMB1502R963 MM-B1502-R963 |
2.54mm (.100) Pitch DIN 41612 Header, Style R, Through Hole, Vertical, 0.60μm (24μ) Gold (Au) Plating, Tail Length 4.50mm (.177), 64 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Style R, Through Hole, Vertical, 0.60渭m (24渭") Gold (Au) Plating, Tail Length 4.50mm (.177"), 64 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Style R, Through Hole, Vertical, 0.60楼矛m (24楼矛") Gold (Au) Plating, Tail Length 4.50mm (.177"), 64 Circuits
|
Molex Electronics Ltd.
|
0850090103 85009-0103 |
2.54mm (.100) Pitch DIN 41612 M Style Male Header, Right Angle, Through Hole, 52 Circuits 2.54mm (.100") Pitch DIN 41612 M Style Male Header, Right Angle, Through Hole, 52 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
0850032983 85003-2983 |
2.54mm (.100) Pitch DIN 41612 Header, Style C/2, Right Angle, Through Hole0.25μm (10μ) Selective Gold (Au), 32 Circuits, Lead free 2.54mm (.100") Pitch DIN 41612 Header, Style C/2, Right Angle, Through Hole0.25渭m (10渭") Selective Gold (Au), 32 Circuits, Lead free MOLEX Connector
|
Molex Electronics Ltd.
|
0850420270 850420270 |
2.54mm (.100") Pitch DIN 41612 Receptacle, Style C, 96 Circuits
|
Molex Electronics Ltd.
|
0850426098 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style C/2, 48 Circuits
|
Molex Electronics Ltd.
|
|