PART |
Description |
Maker |
85013-3093 0850133093 |
2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R, 1.0μm (39μ)Selective Gold (Au), 96 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Through Hole, Vertical, Style R, 1.0渭m (39渭")Selective Gold (Au), 96 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Through Hole, Vertical, Style R, 1.0楼矛m (39楼矛")Selective Gold (Au), 96 Circuits
|
Molex Electronics Ltd.
|
0365840002 365840002 36584-0002 |
2.54mm (0.100) Pitch DIN 41612 Receptacle, Right Angle, Through Hole, Solder Type, 0.8μm (30μ) Selective Gold (Au), 160 circuits 2.54mm (0.100") Pitch DIN 41612 Receptacle, Right Angle, Through Hole, Solder Type, 0.8渭m (30渭") Selective Gold (Au), 160 circuits 2.54mm (0.100") Pitch DIN 41612 Receptacle, Right Angle, Through Hole, Solder Type, 0.8楼矛m (30楼矛") Selective Gold (Au), 160 circuits
|
Molex Electronics Ltd.
|
0850032995 85003-2995 |
2.54mm (.100) Pitch DIN 41612 Header, Style C/2, Right Angle, Through Hole, 0.25μm (10μ) Selective Gold (Au), 32 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Style C/2, Right Angle, Through Hole, 0.25渭m (10渭") Selective Gold (Au), 32 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
0850032751 85003-2751 |
2.54mm (.100) Pitch DIN 41612 Header, Style C Right Angle, Through Hole 2.54mm (.100") Pitch DIN 41612 Header, Style C Right Angle, Through Hole MOLEX Connector
|
Molex Electronics Ltd.
|
36511-0169 MM-B1440-R963 0365110169 |
2.54mm (.100) Pitch DIN 41612 Header, Style R, Through Hole, Vertical, 1.10μm (43μ) Gold (Au) Plating, Tail Length 13.00mm (.512), 64 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Style R, Through Hole, Vertical, 1.10渭m (43渭") Gold (Au) Plating, Tail Length 13.00mm (.512"), 64 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Style R, Through Hole, Vertical, 1.10楼矛m (43楼矛") Gold (Au) Plating, Tail Length 13.00mm (.512"), 64 Circuits
|
Molex Electronics Ltd.
|
85042-0189 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style C, 64 Circuits
|
Molex Electronics Ltd.
|
85042-9025 |
2.54mm (.100") Pitch DIN 41612 Receptacle, Style C/2, 48 Circuits
|
Molex Electronics Ltd.
|
85042-5213 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style C, 96 Circuits
|
Molex Electronics Ltd.
|
0850426050 85042-6050 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style C, 96 Circuits
|
Molex Electronics Ltd.
|
85003-3093 0850033093 |
2.54mm (.100) Pitch DIN 41612 Header, Style C/2, Right Angle, Through Hole, 1渭m (40渭) Selective Gold (Au), 48 Circuits, First-Mate-Last-Break Pins Available, Le 2.54mm (.100) Pitch DIN 41612 Header, Style C/2, Right Angle, Through Hole, 1μm (40μ) Selective Gold (Au), 48 Circuits, First-Mate-Last-Break Pins Available, Lead free
|
Molex Electronics Ltd.
|
0850150335 85015-0335 |
2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Press-fit Style R, 1楼矛m (40楼矛) Gold (Au), 128 Circuit 2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Press-fit Style R, 1μm (40μ) Gold (Au), 128 Circuit
|
Molex Electronics Ltd.
|
|