PART |
Description |
Maker |
016-02-0103 70058-0224 0016020103 |
SL?/a> Crimp Terminal 70058, 22-24 AWG, Bag Selective Gold (Au) SL Crimp Terminal 70058, 22-24 AWG, Bag Selective Gold (Au) SL垄芒 Crimp Terminal 70058, 22-24 AWG, Bag Selective Gold (Au)
|
Molex Electronics Ltd.
|
0700584069 70058-4069 |
SL?/a> Crimp Terminal 70058, 24-30 AWG, Reel, Tin (Sn), Unplated Edges SL Crimp Terminal 70058, 24-30 AWG, Reel, Tin (Sn), Unplated Edges MOLEX Connector
|
Molex Electronics Ltd.
|
0700584096 70058-4096 |
SL Crimp Terminal 70058, 24-30 AWG, Loose, Tin (Sn), Unplated Edges MOLEX Connector
|
Molex Electronics Ltd.
|
0700580087 |
SL Crimp Terminal, Series 70058, Female, 22-24 AWG, with 0.38m Selective Gold
|
Molex Electronics Ltd.
|
0700580096 70058-0096 |
SL Crimp Terminal 70058, 24-30 AWG, Loose, Tin (Sn) MOLEX Connector
|
Molex Electronics Ltd.
|
16-02-0083 16-02-0104 16-02-0116 |
Crimp Socket Contact; Wire Size (AWG):24-22; Contact Plating:Gold; Series:70058; External Depth:0.064"; Operating Temp. Min:-40 C; Pitch Spacing:0.1"; Reel Quantity:20000; Voltage Rating:250V RoHS Compliant: Yes WIRE TERMINAL Crimp Socket Contact; Wire Size (AWG):24-22; Contact Current:3A RoHS Compliant: Yes SL Term Crp M 30 SAu 22-24 Reel RoHS Compliant: Yes
|
Molex, Inc. MOLEX INC
|
08-58-0103 08-50-0120 08-52-0072 08-56-0105 08-52- |
KK 156 TERMINAL CRIMP 18-24 AWG GOLD PHOSPHOR BRONZE, WIRE TERMINAL Crimp Socket Contact; Wire Size (AWG):24-18; Contact Material:Brass; Contact Plating:Tin BRASS, WIRE TERMINAL Connector Contact,SKT,IDC Terminal RoHS Compliant: Yes Solderless Terminal; Wire Size (AWG):26-22 RoHS Compliant: Yes KK 156 TERMINAL CRIMP 18-24 AWG TIN
|
Molex, Inc. ITT, Corp. MOLEX INC
|
0002092611 WM2297CT 02-09-2611 02-09-2612 42478-00 |
TERMINAL, PIN, .093/(2.36) DIA., CRIMP 093 Male Terminal Chain 14-18 BRASS, TIN (20) FINISH, WIRE TERMINAL
|
Molex Electronics Ltd. Molex, Inc.
|
42817-0011 0428170131 |
Solderless Terminal; Wire Size (AWG):12-10 RoHS Compliant: Yes COPPER ALLOY, TIN LEAD FINISH, WIRE TERMINAL MALE CRIMP TERMINAL, 12, 10 & 8AWG MINIFIT SR.
|
Molex, Inc. Molex Electronics Ltd.
|
0026034111 6442-R11-Z 26-03-4111 26-03-3011 26-03- |
3.96mm (.156) Pitch KK? Crimp Terminal Housing 3.96mm (.156") Pitch KK庐 Crimp Terminal Housing MOLEX Connector
|
Molex Electronics Ltd.
|
0009502062 09-50-2062 2139-06P |
3.96mm (.156) Pitch KK? Crimp Terminal Housing, Friction Ramp, 6 Circuits 3.96mm (.156") Pitch KK庐 Crimp Terminal Housing, Friction Ramp, 6 Circuits 3.96mm (.156") Pitch KK垄莽 Crimp Terminal Housing, Friction Ramp, 6 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
41695-N-A10 09-50-8100 0009508100 |
3.96mm (.156) Pitch KK? Crimp Terminal Housing, 10 Circuits 3.96mm (.156") Pitch KK庐 Crimp Terminal Housing, 10 Circuits 3.96mm (.156") Pitch KK垄莽 Crimp Terminal Housing, 10 Circuits
|
Molex Electronics Ltd.
|