PART |
Description |
Maker |
0040021601 41422-3A2N5A1 040-02-1601 |
Flat Blade Crimp Terminal, Series 41422, Female, With Tin (Sn) Plated Brass Contact, 10-12 AWG, Reel Packaged MOLEX Connector
|
Molex Electronics Ltd.
|
44262-6411 |
5.33mm (.210") Pitch Crimp Terminal, Power Blade, Tin (Sn) Over Nickel (Ni), 14-16 AWG, Blade Length 11.56mm (.455") 5.33mm (.210) Pitch Crimp Terminal, Power Blade, Tin (Sn) Over Nickel (Ni), 14-16 AWG, Blade Length 11.56mm (.455)
|
Molex Electronics Ltd.
|
44262-6412 |
5.33mm (.210") Pitch Crimp Terminal, Power Blade, Tin (Sn) Over Nickel (Ni), 14-16 AWG, Blade Length 13.08mm (.515") 5.33mm (.210) Pitch Crimp Terminal, Power Blade, Tin (Sn) Over Nickel (Ni), 14-16 AWG, Blade Length 13.08mm (.515)
|
Molex Electronics Ltd.
|
0006021103 006-02-1103 |
Flat Blade Appliance Motor Switch Crimp Housing, 10 Circuit, 10 Circuits
|
Molex Electronics Ltd.
|
42400-0001 06-02-3042 0006023042 |
Flat Blade Appliance Defrost Timer Crimp Housing, 4 Circuit, 4 Circuits
|
Molex Electronics Ltd.
|
44262-6421 0442626421 |
5.33mm (.210") Pitch Crimp Terminal, Power Blade, Select Gold Strips over Tin (Sn) Over Nickel (Ni), 14-16 AWG, Blade Length 11.56mm (.455") 5.33mm (.210) Pitch Crimp Terminal, Power Blade, Select Gold Strips over Tin (Sn) Over Nickel (Ni), 14-16 AWG, Blade Length 11.56mm (.455)
|
Molex Electronics Ltd.
|
SD-44262-026 44262-6320 0442626320 |
5.33mm (.210) Pitch Crimp Terminal, Power Blade, Select Gold Strips over Tin (Sn) Over Nickel (Ni)
|
Molex Electronics Ltd.
|
0740266430 0740266430-18 |
VHDM Board-to-Board Daughtercard Receptacle, 2.00mm Pitch, Right-Angle, 6 Rows,2 Blade Power Module, 1 Circuit, Mating Blade Length: 12.00mm Blade 1, 10.50mm Blade 2
|
Molex Electronics Ltd.
|
08-58-0103 08-50-0120 08-52-0072 08-56-0105 08-52- |
KK 156 TERMINAL CRIMP 18-24 AWG GOLD PHOSPHOR BRONZE, WIRE TERMINAL Crimp Socket Contact; Wire Size (AWG):24-18; Contact Material:Brass; Contact Plating:Tin BRASS, WIRE TERMINAL Connector Contact,SKT,IDC Terminal RoHS Compliant: Yes Solderless Terminal; Wire Size (AWG):26-22 RoHS Compliant: Yes KK 156 TERMINAL CRIMP 18-24 AWG TIN
|
Molex, Inc. ITT, Corp. MOLEX INC
|
74026-8343 0740268343 |
2.00mm (.079) Pitch VHDM? Board-to-Board Daughtercard Receptacle, Right Angle,8-Row, 3 Blade Power Module, 3 Circuits, Mating Blade Length: 10.50mm (.413) Blade
|
Molex Electronics Ltd.
|
74026-8111 0740268111 |
2.00mm (.079) Pitch VHDM? Board-to-Board Daughtercard Receptacle, Right Angle8-Row, 3 Blade Power Module, 3 Circuits, Mating Blade Length: 7.50mm (.295) Blade
|
Molex Electronics Ltd.
|
|