PART |
Description |
Maker |
0039000296 1190T 39-00-0296 |
2.36mm (.093) Diameter, Standard .093 Pin and Socket Crimp Terminal, Series 1190, Male, with Tin (Sn) over Copper Plated Brass Contact, 14-20 AWG, Reel MOLEX Connector
|
Molex Electronics Ltd.
|
0002092133 0002096132-C 02092134 02-09-2134-E 50-3 |
2.36mm (.093) Diameter, Standard .093 Pin and Socket PC Tail Terminal, Series 1376, Male, with Tin/Lead (Sn/Pb) Plated Contact, With Detent, Bag Packaged MOLEX Connector
|
Molex Electronics Ltd.
|
0039000281 39-00-0281 1189AT |
2.36mm (.093) Diameter, Standard .093 Pin and Socket Crimp Terminal, Series 1189, Female 2.36mm (.093") Diameter, Standard .093" Pin and Socket Crimp Terminal, Series 1189, Female MOLEX Connector
|
Molex Electronics Ltd.
|
0015311066 15-31-1066 5219-06A |
2.36mm (.093) Diameter Standard .093 Pin and Socket Header, Vertical, with Beveled Plastic Peg, 6 Circuits 2.36mm (.093") Diameter Standard .093" Pin and Socket Header, Vertical, with Beveled Plastic Peg, 6 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
0010181122 A30991203 10-18-1122 A-3099-1203 |
2.36mm (.093) Diameter Standard .093 Pin and Socket Header, 3 Rows, Shrouded, Unfilled Polyester, UL 94V-0, 12 Circuits, 12 Female Terminals 2.36mm (.093") Diameter Standard .093" Pin and Socket Header, 3 Rows, Shrouded, Unfilled Polyester, UL 94V-0, 12 Circuits, 12 Female Terminals MOLEX Connector
|
Molex Electronics Ltd.
|
0050362277 50-36-2277 1991-15P-1 |
2.36mm (.093) Diameter, .093 Pin and Socket Plug Housing with Positive Latch, 15 Circuits, With Pull Tabs, Glow Wire Compatible 2.36mm (.093") Diameter, .093" Pin and Socket Plug Housing with Positive Latch, 15 Circuits, With Pull Tabs, Glow Wire Compatible MOLEX Connector
|
Molex Electronics Ltd.
|
0002092101 02-09-2101 1190 |
2.36mm (.093) Diameter, Standard .093 Pin and Socket Crimp Terminal, Series 1190, Male, with Tin (Sn) Plated Brass Contact, 14-20 AWG, Reel 2.36mm (.093) Diameter, Standard .093 Pin and Socket Crimp Terminal, Series 1190, Male, with Tin (Sn) Plated Brass Contact, 14-20 AWG, Reel 2.36mm (.093") Diameter, Standard .093" Pin and Socket Crimp Terminal, Series 1190, Male, with Tin (Sn) Plated Brass Contact, 14-20 AWG, Reel MOLEX Connector
|
Molex Electronics Ltd.
|
0459856332 45985-6332 |
1.27mm (.050), 12.00mm (.472) Pitch, EXTreme LPHPower Header, Right Angle, 6 Power Contacts, 20 Signal Contacts, Select Gold (Au) Plating, for 2.36mm (.093) Thick PC Board MOLEX Connector
|
Molex Electronics Ltd.
|
0352040196 35204-0196 NYLD66 |
2.36mm (.093) Diameter Wire-to-Board Header, Vertical, with Positive Latch, 1 Circuit,Lead-free, White 2.36mm (.093") Diameter Wire-to-Board Header, Vertical, with Positive Latch, 1 Circuit,Lead-free, White MOLEX Connector
|
Molex Electronics Ltd.
|
03-09-2041 1490-PBK 03-09-6045 1490-R 1490-RBK 149 |
2.36mm (.093) Diameter Standard .093 Pin and Socket Plug Housing
|
Molex Electronics Ltd.
|
03-09-2121 03-09-6123 03-09-6126 1360-R2 1360-R2BK |
2.36mm (.093) Diameter Standard .093 Pin and Socket Plug Housing, 12 Circuits, 3 Rows
|
Molex Electronics Ltd.
|
|