PART |
Description |
Maker |
A-8981-4V4-LF |
5.08mm Pitch Disk Drive Power Connection System Header, Vertical, Through Hole, 4
|
Molex Electronics Ltd.
|
9741692004 9741692005 9741692045 |
Standard 2.5 IDE x 1 2.5 SATA x 1 Hard Disk Drive Standard 3.5 IDE Hard Disk Drive PCI Blower Card Kit
|
AAEON Technology
|
L6275 |
5V DISK DRIVE SPINDLE & VCM/ POWER & CONTROL COMBO 5V DISK DRIVE SPINDLE & VCM, POWER & CONTROL “COMBO”
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
CXA1362Q |
READ/WRITE AMPLIFIER FOR FLOPPY DISK DRIVE WITH BUILT-IN FILTER 写放大器,软盘驱动器与内置过滤器 Read/Write Amplifier for Floppy Disk Drive
|
Sony, Corp.
|
L7200 |
MOZART/ 12V DISK DRIVE SPINDLE & VCM/ POWER & CONTROL COMBO
|
STMicroelectronics
|
9741666643 9741686025 9741681004 |
Supports Standard 2.5 Hard Disk Drive Supports SATA Interface Hard Disk (Without DVD Driver) Provides 10°C~20°C Extra Cooling For Any AEC-6811/ 6821/6831/ 6841 BOXER Series System
|
AAEON Technology
|
CXA3541N |
2-channel Read/Write Amplifier for GMR-Ind Head Hard Disk Drive 2-Channel Read/Write Amplifier for GMR(Giant Magneto Resistive-Inductive)-Ind Head Hard Disk Drive(双通道写放大器(用于硬盘驱动器中大型磁发电机感抗磁头))
|
http:// Sony Corporation
|
0424013 |
Power terminal block, Connection method Screw connection, Load current
|
PHOENIX CONTACT
|
1728307 |
PC terminal block, Nominal current: 10 A, Nom. voltage: 160 V, Pitch: 3.81 mm, Number of positions: 4, Type of connection: Screw connection, Assembly: Soldering, Conductor/PCB connection
|
PHOENIX CONTACT
|
W83977TF-PW W83977TF-AW W83877TF W83877TD |
I/O chip disk drive adapter
|
http:// Winbond Electronics Corp
|
SP1203N SP1604N SP1214N SP1213N |
HARD DISK DRIVE service manual
|
Samsung
|
DDF02 DDF03 DDF04 DDR03 DDR04 DDR02 DFC01B DFC01R |
DISK DRIVE CONNECTORS .200 [5.08] CENTERLINE
|
Adam Technologies, Inc.
|