PART |
Description |
Maker |
ADE-R1MHW |
High Reliability Mixer Level 13 (LO Power 13 dBm) 5 to 600 MHz
|
Mini-Circuits
|
ADE-R1L |
High Reliability Mixer Level 3 (LO Power 3 dBm) 2 to 500 MHz
|
Mini-Circuits
|
ADE-R3GLH |
High Reliability Mixer Level 10 (LO Power 10 dBm) 2000 to 2700 MHz
|
Mini-Circuits
|
ADE-R35LH |
High Reliability Mixer Level 10 (LO Power 10 dBm) 1800 to 3500 MHz
|
Mini-Circuits
|
TUF-R3MHSM |
High Reliability Mixer Level 13 (LO Power 13 dBm) 0.3 to 400 MHz High Reliability Mixer Level 13 (LO Power 13 dBm) 0.3 to 400 MHz
|
Mini-Circuits
|
ADE-R272MH |
High Reliability Mixer High Reliability Mixer
|
Mini-Circuits
|
LT5522EUF LT5522EUFTR |
600MHz to 2.7GHz High Signal Level Downconverting Mixer; Package: QFN; No of Pins: 16; Temperature Range: -40°C to 125°C TELECOM, CELLULAR, RF AND BASEBAND CIRCUIT, PQCC16 400MHz to 2.7GHz High Signal Level Downconverting Mixer
|
Linear Technology, Corp.
|
MDS-189 |
High Level Termination Insensitive Mixer, 1 - 3500 MHz High Level Termination Insensitive Mixer / 1 - 3500 MHz
|
Tyco Electronics
|
LT5522 |
400MHz to 2.7GHz High Signal Level Downconverting Mixer
|
Linear Technology
|
LT5512EUF LT5512 |
1kHz-3GHz High Signal Level Down-Converting Mixer
|
Linear Technology Corporation LINER[Linear Technology]
|
LT5500 LT5517 LT5511 LT5520 LT5504 LTC1758 LTC1957 |
400MHz to 3.7GHz High Signal Level Downconverting Mixer 40MHz to 900MHz Quadrature Demodulator
|
LINER[Linear Technology] Linear Technology Corporation
|