PART |
Description |
Maker |
SFD313 |
1 MW C-band coaxial magnetron
|
Communications & Power Industries, Inc.
|
SFD377C |
70 kW, X-band coaxial magnetron
|
Communications & Power Industries, Inc.
|
87310B 87300C 87300D 87301B 87300B 87301D 87301C 8 |
87310B Coaxial Hybrid Coupler, 90 Degree, 1 GHz to 18 GHz 87300C Coaxial Directional Coupler, 1 GHz to 26.5 GHz 87300D Coaxial Directional Coupler, 6 to 26.5 GHz 87301B Coaxial Directional Coupler, 10 to 46 GHz 87300B Coaxial Directional Coupler, 1 GHz to 20 GHz 87301D Coaxial Directional Coupler, 1 GHz to 40 GHz 87301C Coaxial Directional Coupler, 10 to 50 GHz 87301E Coaxial Directional Coupler, 2 GHz to 50 GHz
|
Agilent (Hewlett-Packard)
|
2690-1007 2690-1015 2690-1011 2690-1009 2690-1001 |
8-18 GHz, coaxial limiter Coaxial Limiters CoaxialLimiters 2-18 GHz, coaxial limiter 2-8 GHz, coaxial limiter
|
Tyco Electronics TycoElectronics MA-Com
|
10B-2001 |
Military-Grade 10BASE-T interface module Coaxial Cable; Coaxial RG/U Type:8; Impedance:52ohm; Conductor Size AWG:13; No. Strands x Strand Size:7 x 21; Jacket Material:Polyvinylchloride (PVC); Jacket Color:Black; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes
|
Aeroflex Circuit Techno... AEROFLEX[Aeroflex Circuit Technology] Aeroflex Inc.
|
CHV2242A CHV2242A-99F_00 CHV2242A-99F/00 |
Q-band VCO based on Ku-band Oscillator and Q-band Multiplier
|
UMS[United Monolithic Semiconductors]
|
CHV2242C |
Q-band VCO based on Ku-band Oscillator and Q-band Multiplier
|
United Monolithic Semiconductors
|
SKY77570-12 |
Quad-band cellular handsets encompassing Tx-Rx Front-End Module for Quad-Band GSM /GPRS / EDGE and TD-SCDMA with 6-Band Antenna Switch Support
|
Skyworks Solutions Inc.
|
SKY77175-13 |
Dual-Band PA Module for WCDMA / HSDPA Band II (1850-1910 MHz) and Band V (824-849 MHz)
|
Skyworks Solutions Inc.
|
BYX82 BYX83 BYX84 BYX85 BYX86 |
Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Conductor Material:Steel; Conductor Plating:Copper; Jacket Color:Black; Leaded Process Compatible:Yes RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Steel; Conductor Plating:Copper; Jacket Color:Black RoHS Compliant: Yes Silicon Mesa Rectifiers From old datasheet system
|
Vishay Intertechnology,Inc. Vishay Siliconix
|