PART |
Description |
Maker |
SFD349 |
200 kW, X-band coaxial magnetron
|
Communications & Power Industries, Inc.
|
VTG-6229S1B |
250/300 W G-Band Helix TWT Series
|
Communications & Power Industries, Inc.
|
3404.2420.XX 3404.2417.XX 3404.2412.XX 3404.2413.X |
Surface Mount Fuse with Clip, 11.1 x 3.8 mm, Time-Lag T, UMZ 250 = UMT 250 (Au) UMC 250
|
Schurter Inc.
|
AD641 AD641A AD641AN AD641AP AD641-EB AD641S 5962- |
250 MHz Demodulating Logarithmic Amplifier Amplifier. Other 250 MHz, 44 dB Demodulating Logarithmic Amplifier LOG OR ANTILOG AMPLIFIER, 250 MHz BAND WIDTH, PQCC20
|
Analog Devices, Inc. AD[Analog Devices] ANALOG DEVICES INC
|
AFS1-00120025-10-13P-4 AFS2-21202400-35-5P-2 AFS4- |
120 MHz - 250 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER 21200 MHz - 24000 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER 500 MHz - 1000 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER 6000 MHz - 12000 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER 100 MHz - 10000 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER 8000 MHz - 12000 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER 13200 MHz - 14000 MHz RF/MICROWAVE NARROW BAND LOW POWER AMPLIFIER 100 MHz - 4000 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER 2000 MHz - 8000 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER 7300 MHz - 8400 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER
|
MITEQ INC
|
6806-15 |
0 MHz - 2000 MHz, 290 deg - RF/MICROWAVE COAXIAL MECHANICAL PH SHIFTER DC TO 2, 4 AND 8 GHz, COAXIAL
|
SPECTRUM CONTROL INC API Technologies Corp
|
HZM7.5NB HZM7.5NB2 HZM7.5NB3 HZM4.3NB HZM2.2NB HZM |
10 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 7.5 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 12 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 9.1 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 8.2 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Low Current Operation at 250 锛?ow Reverse Leakage,Low Noise Zener Diode Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 250 的低电流运算,低反向泄露,低噪声稳压二极 3.6 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE MPAK-3 2.4 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE MPAK-3 2.7 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE MPAK-3 2 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE MPAK-3 3.3 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE MPAK-3 Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) RF/Coaxial Connector; RF Coax Type:BNC; Contact Termination:Twist On; Body Style:Straight Plug; RG Cable Type:59, 62, 71, 140, 210 RoHS Compliant: Yes Diodes>Zener 20 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Silicon Epitaxial Planar Zener Diode for Stabilizer
|
http:// NXP Semiconductors N.V. Renesas Electronics, Corp. Renesas Electronics Corporation. RENESAS[Renesas Electronics Corporation]
|
AH1-1G |
250 MHz - 4000 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER
|
TriQuint Semiconductor, Inc. TRIQUINT SEMICONDUCTOR INC
|
UMK250-16 3404.2464.11 |
Surface Mount Fuse with Clip, 4.2 x 11.3 mm, Quick-Acting F, UMK 250 = UMF 250 (Au) UMC 250
|
Schurter Inc.
|
AH1-PCB AH1-1 AH1-1G |
250 MHz - 3000 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER High Dynamic Range Amplifier
|
WJCI[WJ Communication. Inc.]
|
BYW34 BYW36 BYW32 BYW33 BYW35 |
MINIATURE GLASS PASSIVATED FAST SWITCHING RECTIFIER Composite Data, Audio, Video, Security & Control Cable; Composite Conductor Types:2 Coaxial 8 Pairs; Number of Conductors:18; Conductor Size AWG Composite Cable; Composite Conductor Types:2 Coaxial 8 Pairs 2 Fibers; Number of Conductors:18; Conductor Size AWG:24-18; No. Strands x Strand Size Coaxial Cable; Coaxial RG/U Type:7; Impedance:75ohm; Conductor Size AWG:16; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Copper; Jacket Color:Black; Temperature Max:75 C RoHS Compliant: Yes
|
GE[General Semiconductor] GE Security, Inc.
|
|