PART |
Description |
Maker |
QPI-12LZ-01 |
7 A V隆陇I Chip EMI Filter 7 A V・I Chip EMI Filter
|
Vicor Corporation
|
CSPEMI306AG CSPEMI306A |
6 Channel EMI Filter Array with ESD Protection 6通道EMI滤波器与ESD保护阵列 6 Channel EMI Filter (30dB @ 900MHz) with ESD Protection @ ±15KV (IEC61000-4-2 Level 4 Contact Discharge), Chip Scale Package
|
California Micro Devices Corporation CALMIRCO[California Micro Devices Corp]
|
4400-040 4200-012 4400-005 |
EMI/RFI FILTER 1 FUNCTIONS, 50 V, 10 A, FEED THROUGH CAPACITOR EMI/RFI FILTER Bushing #4 1 FUNCTIONS, 200 V, 3 A, DATA LINE FILTER
|
TUSONIX, Inc. TUSONIX INC
|
BLM21A102SPT BLM11A601SPB BLM31A700SPT BLM41A800SP |
END EMI CHIP BLM21A102SPT 0805 TEMPLATE 1 FUNCTIONS, 0.2 A, FERRITE CHIP FLTR,EMI,,,,200MA,,,,,SM,0603 1 FUNCTIONS, 0.2 A, FERRITE CHIP COIL, BEAD FERRITE 070 OHMS @ 100MHZ B SM, 1206 1 FUNCTIONS, 0.2 A, FERRITE CHIP FERRITE BEAD,CHIP,TYPE 1806, 500 MA 1 FUNCTIONS, 0.5 A, FERRITE CHIP 1 FUNCTIONS, 0.05 A, FERRITE CHIP
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
NFM41PC204F1H3L NFM41PC204F1H3B |
FILTER LC HIGH FREQ .2UF 1806 1 FUNCTIONS, 50 V, 2 A, FEED THROUGH CAPACITOR EMI CHIP FILTER (CHIP SIZE 1806) 1 FUNCTIONS, 50 V, 2 A, FEED THROUGH CAPACITOR
|
Murata Manufacturing Co., Ltd.
|
NFA31GD1011014D NFA31GD1001014D NFA31GD1004704D NF |
EMI FILTER, 6V 0.015A NFA31GD1011014 4 FUNCTIONS, 6 V, 0.015 A, DATA LINE FILTER 4 FUNCTIONS, 6 V, 0.02 A, DATA LINE FILTER FLT, S/M, EMI SUP, 100PF
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
CSPEMI205G CSPEMI205 |
3 Channel Headset EMI Filter with ESD Protection @ ±8kV (IEC61000-4-2 Level 4 Contact Discharge), Chip Scale Package
|
CALMIRCO[California Micro Devices Corp]
|
CM1422 CM1420 CM1422-03CS CM1420-03CP CM1420-03CS |
6 and 8 Channel LCD Filter Array ESD Protection with OptiGuard Coating (CSPEMI606/608 pin compatible) (CM1420 / CM1422) LCD EMI Filter Array with ESD Protection LCD EMI Filter Array with ESD Protection 液晶EMI滤波器与ESD保护阵列
|
CALMIRCO[California Micro Devices Corp] California Micro Devices Corporation
|
EMIF04-EAR02M8 |
2-line EMI filter for earphones 2-line EMI filter for microphones
|
ST Microelectronics
|
EMIF03-SIM03F3 |
3-line EMI filter and ESD protection for SIM card interfaces 3-line IPAD? EMI filter including ESD protection
|
ST Microelectronics STMicroelectronics
|
EMIF06-VID01F2 EMIF06-VID01F208 |
6-line EMI filter and ESD protection for display interfaces 6-line IPAD, low capacitance EMI filter and ESD protection
|
ST Microelectronics STMicroelectronics
|
NUF8600MN NUF8600MNTXG |
8 Line EMI Filter with ESD Protection 8-Channel EMI Filter with Integrated ESD Protection
|
ON Semiconductor
|