PART |
Description |
Maker |
LT3433IFE |
High Voltage Step-Up/Step-Down DC/DC Converter
|
Linear Technology
|
5962-8752805SX 5962-8752804RX 5962-8752804SX 5962- |
10µA, Low-Dropout, Precision Voltage Reference Dual, High-Efficiency, Step-Down Controller with High Impedance in Shutdown 500kHz Multi-Output Power-Supply Controllers with High Impedance in Shutdown TFT-LCD Step-Up DC-DC Converter 保险丝,可编程的PLD
|
Vishay Intertechnology, Inc.
|
LM2575-ADJ LM2575 LM2575-5 LM2575-12 LM2575-3.3 LM |
From old datasheet system 1.0 A STEP-OWN VOLTAGE REGULATOR EASY SWITCHERE 1.0 A STEP-DOWN VOLTAGE REGULATOR EASY SWITCHERE⑩ 1.0 A STEP-DOWN VOLTAGE REGULATOR EASY SWITCHERE⒙ 1.0 A STEP-DOWN VOLTAGE REGULATOR
|
ON Semiconductor MOTOROLA[Motorola, Inc]
|
MAX1744AUB MAX1745AUB MAX1745EUB MAX1744EUB MAX174 |
High-Voltage, Step-Down DC-DC Controllers in 渭MAX High-Voltage, Step-Down DC-DC Controllers in μMAX
|
Maxim Integrated Products Maxim Integrated Produc...
|
BD9300F BD9300F08 BD9300FV |
Single-output Step-up, Negative Voltage, Step-down Switching Regulators (Controller type)
|
Rohm
|
ADP3000AR-12-REEL ADP3000AR-3.3-REEL ADP3000AR-REE |
Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V, Adjustable High Frequency Switching Regulator
|
Analog Devices
|
MB3881 MB3881PFF |
8-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
|
Fujitsu Limited Fujitsu Component Limited.
|
5962-8981706UX 5962-8981704UX 5962-8981704ZA |
Dynamically Adjustable, Synchronous Step-Down Controller for Notebook CPUs High-Speed, Adjustable, Synchronous Step-Down Controllers with Integrated Voltage Positioning x8存储 x8 EPROM x8存储
|
Toshiba, Corp. Glenair, Inc.
|
LT1615 LT1615-1 LT1615ES5 LT1615ES5-1 |
Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter Micropower Step-Up DC/DC Convertersin SOT-23 0.4 A SWITCHING REGULATOR, PDSO5 Micropower Step-Up DC/DC Convertersin SOT-23 微功率升压直直流Convertersin的SOT - 23
|
http:// LINER[Linear Technology] Linear Technology, Corp.
|
5962-8687517XX 5962-8687520XX 5962-8687515XX 5962- |
Adjustable, PWM, Step-Down Regulator Improved MX7524 3.3V, Step-Down, Current-Mode PWM DC-DC Converters 12V/15V or Adjustable, High-Efficiency, Low-IQ, Step-Up DC-DC Converters Evaluation Kit for the MAX761 High-Efficiency, PWM, Step-Down Controller (External P-Channel Driver) 5V-Output, Step-Up, Current-Mode PWM DC-DC Converter Evaluation Kit for the MAX747 Digitally Adjustable LCD Bias Supply -12V, Inverting, PWM, Current-Mode DC-DC Converter Bidirectional Video Filters/Buffers for Composite and S-Video Portable Media Devices CCFL Backlight and LCD Negative Contrast Controller Evaluation Kit for the MAX752 3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters x8双端口SRAM x8 Dual-Port SRAM x8双端口SRAM
|
Kingbright, Corp. Mini-Circuits
|