PART |
Description |
Maker |
2316052 |
Device coupler for Foundation Fieldbus and PROFIBUS PA with terminal connections for two spurs connected to fieldbus end devices
|
PHOENIX CONTACT
|
ADSP-21MOD970 ADSP-21MOD970-000 |
ADSP-21MOD970: Multiport Internet Gateway Processor Data Sheet (Rev. 0. 7/99) DSP For MODEM Multi-Port Internet Gateway Processor
|
Analog Devices
|
1300131001 1300350097 1300410020 1300410021 130041 |
Brad? Foundation Fieldbus Cordsets and Receptacles Brad垄莽 Foundation Fieldbus Cordsets and Receptacles
|
Molex Electronics Ltd.
|
ATWEBSEG-32 |
The ATWebSEG-32 is a Serial-to-Ethernet Gateway module, based on a C51 Flash MCU, which allows you to add Internet connectivity to your legacy products using an RS-232 serial interface and enables remote gauging, managing, and control of a
|
Atmel
|
AS91L1006U40L100IG AS91L1001BU10F100C AS91L1001BU1 |
3 to 3.6 V, 40 MHz TCK, 6-port JTAG gateway 3 to 3.6 V, 10 MHz TCK, 6-port JTAG gateway The AS91L1006BU is a one to 6-port JTAG gateway
|
ETC[ETC] Alliance Semiconductor
|
AMIS-49200-XTD AMIS-49200-XTP AMIS-492X0 492X0 |
AMIS-492x0 Datasheet Fieldbus MAU
|
ON Semiconductor
|
F801 F880 F880-PC F880-PS F880-CA ELECTRONICTHEATR |
8-segment redundant fieldbus power system for use with Yokogawa CENTUM 3000 R3 Control System 8段冗余与横河百仁3000 R3采用现场总线控制系统的电力系
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
WP3200 |
HOME GATEWAY PROCESSOR PRODUCT BRIEF
|
List of Unclassifed Manufacturers ETC
|
ADAM-2520Z |
Wireless Modbus RTU Gateway
|
Advantech Co., Ltd.
|
ADSP-21MOD980N ADSP-21MOD980N-000 ADSP21MOD980N |
MultiPort Internet Gateway Processor
|
AD[Analog Devices]
|
VOI-8002 |
8-Port FXO H323/SIP Gateway
|
Level One
|