PART |
Description |
Maker |
FF-1503-18 |
Operating Voltage = 125 Vac Operating Current (Max) = 18 AMP A/C
|
JMK Inc.
|
KK-0332-30 |
Operating Voltage= 250/440 Vac Operating Current Max= 30 amp/Ph
|
JMK Inc.
|
FA-1307-5 |
Operating Voltage= 115/240 Vac Operating Current Max= 5.0 amp
|
JMK Inc.
|
AA-0221-20 |
Operating voltage = 115/250 Vac Operating current = 20 Amp
|
JMK Inc.
|
HH-1199-6 |
Operating voltage = 125 / 250 v~ Operating current (max) = 6.0 amperes
|
JMK Inc.
|
TPIBU-151 |
Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
|
Total Power Internation...
|
TPIBU-100 TPIBU100-103 TPIBU100-102 TPIBU100-101 T |
Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
|
Total Power Internation...
|
AMS2907CL-5.0 AMS2907-1.5 AMS2907-1.8 AMS2907-2.5 |
SWTCH ROLLER SPDT 15A SCRW TERM 500mA LOW DROPOUT VOLTAGE REGULATOR 500mA的低压差稳压 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO, UL BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 115 Vac, Roller Lever Actuator, Solder Termination, Silver Contacts, Military Part Number M8805/1-051 Synchronous Presettable Binary Counters with Synchronous Reset 16-SOIC -55 to 125 Synchronous Presettable Binary Counters with Asynchronous Reset 16-SOIC -55 to 125 Synchronous Presettable Binary Counters with Synchronous Reset 16-PDIP -55 to 125
|
Advanced Monolithic Sys... Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] http://
|
3-101-015 3-101-014 3-101-012 1241.6833.1111000 12 |
Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
|
Schurter Inc.
|
RN5VS RN5VS09CA RN5VS09CC RN5VS09CA-TR RN5VS09CC-T |
3.3V, 5A 20W Isolated DC-DC Converter 6-DIP MODULE -40 to 85 1.5Vout 5A 48V-Input Isolated DC-DC Converter 6-DIP MODULE -40 to 85 High Speed CMOS Logic Quad D-Type Flip-Flops with 3-State Outputs 16-SO -55 to 125 12V, 1.6A 20W Isolated DC-DC Converter 6-DIP MODULE -40 to 85 5V 10W 24V-Input Isolated DC/DC Converter 10-SIP MODULE -40 to 85 5V. 4A 20 W Isolated DC-DC Converter 6-DIP MODULE -40 to 85 2.5V, 5A 20W Isolated DC-DC Converter 6-DIP MODULE -40 to 85 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force, Silver Contacts, Solder Termination, CE, CSA, DEMKO, BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 125 Vac, Roller Lever Actuator, 1,95 N [7.0 oz], Maximum Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO, UL Conductive Plastic Potentiometer; Series:SP22D; Resistance Tolerance: /- 15%; Power Rating:1W; Operating Temperature Range:-55 C to 105 C; Resistor Element Material:Conductive Plastic; Adjustment Type:Knob; No. of Turns:1 RoHS Compliant: Yes BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 125 Vac, Roller Lever Actuator, 1,39 N [5 oz], Silver Contacts, Maximum Operating Force, Screw Termination, CE, CSA, DEMKO, UL 16-bit Ultra-Low-Power MCU, 55kB Flash, 5120B RAM, 12-Bit ADC, Dual DAC, 2 USART, I2C, HW Mult, DMA 64-VQFN 低电压检 16-bit Ultra-Low-Power MCU, 32kB Flash, 1024B RAM, 12-Bit ADC, Dual DAC, 2 USART, I2C, HW Mult, DMA 64-VQFN 低电压检 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 115 Vac, Overtravel Plunger Actuator, Solder Termination, Silver Contacts, Military Part Number M8805/1-019 低电压检 High Speed CMOS Logic Quad D-Type Flip-Flops with 3-State Outputs 16-SOIC -55 to 125 低电压检 LOW VOLTAGE DETECTOR 低电压检 5.0Vout 20W 48V-Input Isolated DC-DC Converter 6-DIP MODULE -40 to 85 低电压检 1.5Vout 5Amp 24V-Input Isolated DC-DC Converter 6-DIP MODULE -40 to 85 LOW VOLTAGE DETECTOR
|
Ricoh Co., Ltd. RICOH electronics devices division RICOH electronics devic...
|
|