PART |
Description |
Maker |
BSH101 BSH101/T3 |
700 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET N-channel enhancement mode MOS transistor
|
NXP Semiconductors
|
DP52-0004 DP52-0004TR |
Low Cost SMT Dual Band Diplexer 400-700/1100-1940 MHz 低成本贴片双频双工器400-700/1100-1940兆赫
|
3M Company
|
PJF2N70 PJU2N70 |
700V N-Channel Enhancement Mode MOSFET 2 A, 700 V, 6.5 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251
|
Pan Jit International Inc.
|
3N70L-TN3-R 3N70G-TN3-R 3N70L-TM3-T 3N70G-TM3-T |
3 AMPS, 700 VOLTS N-CHANNEL POWER MOSFET
|
Unisonic Technologies
|
2N70L-TN3-R 2N70G-TN3-R 2N70L-TA3-T 2N70L-TF1-T 2N |
2 Amps, 700 Volts N-CHANNEL POWER MOSFET
|
Unisonic Technologies
|
MMFT2406T1-D |
Power MOSFET 700 mA, 240 Volts N-Channel SOT-223
|
ON Semiconductor
|
AD781 AD781AN AD781JN AD781SQ AD781SQ/883B |
ECONOLINE: REC2.2-S_DRW(Z)/H* - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- 4.5-9V, 9-18V, 18-36V, 36-72V Wide Input Range 2 : 1- UL94V-0 Complete 700 ns Sample-and-Hold Amplifier High speed, monolithic SHA with a max acquisition time for 700 ns to 0.01% over temperature.
|
Analog Devices, Inc. AD[Analog Devices]
|
STD2NK70Z STD2NK70Z-1 STD2NK70Z06 |
N-channel 700V - 6Ω - 1.6 A - DPAK/IPAK Zener protected SuperMESH Power MOSFET 1.6 A, 700 V, 7 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA
|
STMicroelectronics
|
AP09N70I-H-HF AP09N70I-H-HF-14 |
N-CHANNEL ENHANCEMENT MODE POWER MOSFET 8.3 A, 700 V, 0.85 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB Fast Switching Characteristic
|
Advanced Power Electronics Corp. Advanced Power Electron...
|
FDG6332CF085 |
700 mA, 20 V, 2 CHANNEL, N AND P-CHANNEL, Si, SMALL SIGNAL, MOSFET 20V N & P-Channel PowerTrench? MOSFETs 20V N & P-Channel PowerTrench?MOSFETs
|
FAIRCHILD SEMICONDUCTOR CORP
|
ZB4CS-700-10W |
Power wer Splitter/Combiner 4 Way-0° 400 to 700 MHz Power wer Splitter/Combiner 4 Way-0∑ 400 to 700 MHz Power wer Splitter/Combiner 4 Way-0 400 to 700 MHz Power wer Splitter/Combiner 4 Way-0400 to 700 MHz 400 MHz - 700 MHz RF/MICROWAVE COMBINER, 0.8 dB INSERTION LOSS
|
MINI[Mini-Circuits]
|