PART |
Description |
Maker |
ADE-R1LH |
High Reliability Mixer Level 10 (LO Power 10 dBm) 1 to 500 MHz
|
Mini-Circuits
|
ADE-R1MHW |
High Reliability Mixer Level 13 (LO Power 13 dBm) 5 to 600 MHz
|
Mini-Circuits
|
TUF-R5SM |
High Reliability Mixer Level 7 (LO Power 7 dBm) 20 to 1500 MHz
|
Mini-Circuits
|
TUF-R3SM |
High Reliability Mixer Level 7 (LO Power 7 dBm) 0.25 to 400 MHz High Reliability Mixer Level 7 (LO Power 7 dBm) 0.25 to 400 MHz
|
Mini-Circuits
|
LT5511 |
High Signal Level Upconverting Mixer
|
Linear Technology
|
LT5511 LT5511EFE |
High Signal Level Upconverting Mixer
|
Linear Technology
|
2N6804-12 |
This 2N6804 switching transistor is military qualified up to the JANTXV level for high-reliability applications.
|
Micro Analog systems
|
MDS-189PIN |
High Level Termination Insensitive Mixer / 1 - 3500 MHz
|
Tyco
|
LT5557EUF-PBF |
400MHz to 3.8GHz 3.3V High Signal Level Downconverting Mixer
|
Linear Technology
|
T0781 T0781-6C T0782-6CP |
1700 - 2300 MHz High Linearity SiGe Active Receiver Mixer Mixer, RX/MIXER f. 2200-2700MHZ
|
http:// ATMEL Corporation
|
DBM-700H |
High Level Subminiature Mismatch Insensitive Flatpack Double Balanced Mixer 1-3500 MHz
|
ETC[ETC]
|