PART |
Description |
Maker |
99-3316-68 |
Blind Rivet
|
Alcoa international inc.
|
99-3306 |
Blind Rivet W/2 Head Styles
|
Alcoa international inc.
|
99-3423-3456 |
Nail Type Blind Rivet
|
Alcoa international inc.
|
99-3423-56 |
Nail Type Blind Rivet
|
Alcoa international inc.
|
1SR139-600 1SR139-400 |
RIVET STEEL 3/32X.250 Rectifier diode
|
Rohm CO.,LTD. ROHM[Rohm]
|
0681310211 68131-0211 |
Automotive Filtered Horn Header, Rivet Diameter 78.00mm (3.071), 2 Circuits
|
Molex Electronics Ltd.
|
WS-SR-4-01 WS-SR-1-01 |
WIRE SADDLE- SNAP RIVET WIRE SADDLE- SNAP RIVET
|
Richco, Inc.
|
REC-139L |
Precision Linear Transducers, Conductive Plastic, Robust, Side Actuation, Ideally Suited for Applications with Very Long Travels, Long Life, High Accuracy, Excellent Repeatability, Essentially Infinite Resolution
|
Vishay
|
MAX6452 MAX6446 MAX6448 MAX6443-MAX6452 MAX6444USL |
4.625 V, mP reset circuit with long manual reset setup period 2.925 V, mP reset circuit with long manual reset setup period 2.313 V, mP reset circuit with long manual reset setup period µP Reset Circuits with Long Manual Reset Setup Period レP Reset Circuits with Long Manual Reset Setup Period From old datasheet system ?P Reset Circuits with Long Manual Reset Setup Period μP Reset Circuits with Long Manual Reset Setup Period 1.575 V, mP reset circuit with long manual reset setup period 2.625 V, mP reset circuit with long manual reset setup period
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc.
|
561-BR197157 |
Blind Rivets
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
99-1716-1 |
UNIMATIC, Blind Bolt, Offset
|
Alcoa international inc.
|
|