PART |
Description |
Maker |
LA9241M |
Analog Signal Processor ASP for CD players
|
Sanyo Electric Co.,Ltd.
|
LA9230 LA9230M LA9231M |
Analog Signal Processor ASP for CD players
|
SANYO[Sanyo Semicon Device]
|
LA9230M |
Analog Signal Processor ASP for CD players
|
Sanyo Electric Co.,Ltd.
|
MAX6452 MAX6446 MAX6448 MAX6443-MAX6452 MAX6444USL |
4.625 V, mP reset circuit with long manual reset setup period 2.925 V, mP reset circuit with long manual reset setup period 2.313 V, mP reset circuit with long manual reset setup period µP Reset Circuits with Long Manual Reset Setup Period レP Reset Circuits with Long Manual Reset Setup Period From old datasheet system ?P Reset Circuits with Long Manual Reset Setup Period μP Reset Circuits with Long Manual Reset Setup Period 1.575 V, mP reset circuit with long manual reset setup period 2.625 V, mP reset circuit with long manual reset setup period
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc.
|
92315-0805 92315-1604 |
8CKT PICOFLEX 1200MM LONG INTERCONNECTION DEVICE 16CKT PICOFLEX 1150MM LONG INTERCONNECTION DEVICE
|
Molex, Inc.
|
17443 17443-B |
HTSNK A LONG .9H LOW FLOW,THRU HOLE HTSNK甲长0.9 低流,通孔 HTSNK A LONG .9H LOW FLOWTHRU HOLE
|
Vicor, Corp. VICOR[Vicor Corporation]
|
IDT82P2282PK |
Dual T1/E1/J1 Long Haul / Short Haul Transceiver DATACOM, PCM TRANSCEIVER, PQFP100 Dual T1/E1/J1 Long Haul / Short Haul Transceiver 双T1/E1/J1收发长短途收发器
|
Integrated Device Technology, Inc.
|
RUK100M1HBK080115 |
ALUMINUM ELECTROLYTIC CAPACITORS RUK Series: 125隆?C, Long Life ALUMINUM ELECTROLYTIC CAPACITORS RUK Series: 125°C, Long Life
|
RFE international
|
381EL101M400H032 381EL101M400J022 381EL271M350K032 |
Ultra-Long Life Snap-In, Aluminum 105 ?C Ultra-Long Life Snap-In, Aluminum 105 垄陋C Ultra-Long Life Snap-In, Aluminum 105 ?C Ultra-Long Life Snap-In, Aluminum 105 ?C Ultra-Long Life Snap-In, Aluminum
|
List of Unclassifed Man... Cornell Dubilier Electronics ETC List of Unclassifed Manufacturers Cornell Dubilier Electr...
|
106TXK400M 226TXK400M 336TXK400M 476TXK400M 686TXK |
105°C Long Life Radial Lead Aluminum Electrolytic Capacitors 105隆?C Long Life Radial Lead Aluminum Electrolytic Capacitors 105∑C Long Life Radial Lead Aluminum Electrolytic Capacitors
|
Illinois Capacitor, Inc...
|
99-2553S |
Non Self-releasing, Long
|
Alcoa international inc.
|