PART |
Description |
Maker |
ASP-151798-03-06.5 |
1. STANDARD PART SET UP AS ASP FOR HYPER TRANSPORT STANDARD
|
Samtec, Inc
|
99-1730 |
Offset, ASP
|
Alcoa international inc.
|
LA9233 LA9233M |
Analog Signal Processor ASP for CD players
|
SANYO[Sanyo Semicon Device]
|
MRA4005T1 MRA4004 MRA4004T3 MRA4004T3G MRA4003 MRA |
Surface Mount Standard Recovery Power Rectifier 1 A, 600 V, SILICON, SIGNAL DIODE 1A 600V Standard Recovery Rectifier 1A 400V Standard Recovery Rectifier 1A 800V Standard Recovery Rectifier 1A 1000V Standard Recovery Rectifier
|
ONSEMI[ON Semiconductor]
|
1N5408 1N5401RL 1N5408RL 1N5400 1N5400RL 1N5401 1N |
3A 200V Standard Recovery Rectifier 3A 800V Standard Recovery Rectifier 3A 400V Standard Recovery Rectifier AXIAL-LEAD STANDARD RECOVERY RECTIFIERS
|
ONSEMI[ON Semiconductor]
|
OTS-16AR-A1-FC-IC OTS-16AR-A1-LC-IC OTS-16AR-A1-SC |
Optiva Standard, 128 Duplex RS-232/422/485 Data Optiva Standard, 1 HD-SDI 270/1485 Mbps w/Loopback and 2 Duplex RS-232/422/485 Data Optiva Standard, 16 Duplex RS-232/422/485 Data Optiva Standard, 16 Duplex Analog Audio Optiva Standard, 16 Stereo AES/EBU Digital Audio Optiva Standard, 16 Analog Audio Optiva垄芒 Standard, 16 Analog Audio
|
Opticomm Corporation
|
CY7C1483V33-100BGC CY7C1483V33-117BGC CY7C1483V33- |
IC, SDRAM, 64M BIT, 512KX4X32 BIT,3.3V,10NS,100MHZ,TSOP-86 2M x 36/4M x 18/1M x 72 Flow-through SRAM 4M X 18 STANDARD SRAM, 7.5 ns, PQFP100 2M x 36/4M x 18/1M x 72 Flow-through SRAM 1M X 72 CACHE SRAM, 6.5 ns, PBGA209 2M x 36/4M x 18/1M x 72 Flow-through SRAM 1M X 72 STANDARD SRAM, 7.5 ns, PBGA209 2M x 36/4M x 18/1M x 72 Flow-through SRAM 4M X 18 STANDARD SRAM, 7.5 ns, PBGA165 2M x 36/4M x 18/1M x 72 Flow-through SRAM 4M X 18 STANDARD SRAM, 6.5 ns, PQFP100 2M x 36/4M x 18/1M x 72 Flow-through SRAM 2M X 36 STANDARD SRAM, 8.5 ns, PQFP100 2M x 36/4M x 18/1M x 72 Flow-through SRAM 4M X 18 STANDARD SRAM, 8.5 ns, PQFP100 2M x 36/4M x 18/1M x 72 Flow-through SRAM 1M X 72 STANDARD SRAM, 5.5 ns, PBGA209
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
IS61NVP102436A IS61NVP102436A-166B3 IS61NVP102436A |
1Mb x 36 and 2Mb x 18 STATE BUS SRAM 1M X 36 STANDARD SRAM, PBGA165 PLASTIC, BGA-165 1M X 36 STANDARD SRAM, PDSO100 TQFP-100 2M X 18 STANDARD SRAM, PBGA165
|
Integrated Silicon Solution, Inc. INTEGRATED SILICON SOLUTION INC Integrated Silicon Solu...
|
BTB06-600B BTB06-600BRG BTB06-600BW BTB06-600BWRG |
800 V, 6 A, SNUBBERLESS TRIAC, TO-220AB SNUBBERLESS?? LOGIC LEVEL & STANDARD SNUBBERLESS LOGIC LEVEL & STANDARD 缓冲器⑩,逻辑电平 (65.93 k) 5.93十一 INDICATOR BODY, ROUND; Lamp fitting type:Midget Groove; Approval Bodies:BEAB, CSA, VDE, UL; Current, contact max:6A; Depth, external:42mm; Diameter, bezel:18mm; IP rating:IP65; Operations, mechanical No. of:1000000; Temp, op. RoHS Compliant: Yes 240 x 128 pixel format, LED or EL Backlight SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute SNUBBERLESS LOGIC LEVEL & STANDARD SNUBBERLESS/ LOGIC LEVEL & STANDARD Transient Voltage Suppressor Diodes SNUBBERLESS⑩, LOGIC LEVEL & STANDARD From old datasheet system SNUBBERLESS, LOGIC LEVEL & STANDARD 6A TRIACS SNUBBERLESS? LOGIC LEVEL & STANDARD
|
STMicroelectronics N.V. International Rectifier, Corp. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
AM29DL162DT120WCE AM29DL162DT120WCEN AM29DL163DB12 |
400V Single N-Channel Hi-Rel MOSFET in a TO-205AF package; A JANTXV2N6792 with Standard Packaging x8/x16 Flash EEPROM 100V Single N-Channel Hi-Rel MOSFET in a TO-205AF package; A IRLF120 with Standard Packaging 500V Single N-Channel Hi-Rel MOSFET in a TO-204AE package; A IRF460 with Standard Packaging 400V Single N-Channel Hi-Rel MOSFET in a TO-205AF package; A IRFF310 with Standard Packaging 100V Single N-Channel Hi-Rel MOSFET in a TO-257AA package; A IRFY140CM with Standard Packaging 60V Single N-Channel Hi-Rel MOSFET in a D3 package; A IRFMJ044 with Standard Packaging -100V Single P-Channel Hi-Rel MOSFET in a TO-257AA package; A IRFY9140CM with Standard Packaging x8/x16闪存EEPROM 55V Single N-Channel Hi-Rel MOSFET in a TO-257AA package; A IRF5YZ48CM with Standard Packaging x8/x16闪存EEPROM 400V Single N-Channel Hi-Rel MOSFET in a TO-205AF package; A JANTXV2N6786 with Standard Packaging EEPROM -100V Single P-Channel Hi-Rel MOSFET in a TO-257AA package; A IRF5Y9540CM with Standard Packaging x8/x16闪存EEPROM -100V Single P-Channel Hi-Rel MOSFET in a TO-204AA package; A IRF9130 with Standard Packaging x8/x16闪存EEPROM 100V Single N-Channel Hi-Rel MOSFET in a 18-pin LCC package; A JANTX2N6782U with Standard Packaging x8/x16闪存EEPROM 1000V Single N-Channel Hi-Rel MOSFET in a TO-204AA package; A IRFAG40 with Standard Packaging EEPROM
|
PLX Technology, Inc.
|
IXTM6N90 IXTH6N90 IXTH6N90A IXTM6N90A IZTH6N90 |
Discrete MOSFETs: Standard N-channel Types Standard Power MOSFET 标准功率MOSFET
|
IXYS[IXYS Corporation] IXYS, Corp.
|
C2530 |
Wide Frequency range EFC Standard Standard Surface Mount Package Meets Stratum 3
|
VECTRON[Vectron International, Inc]
|