PART |
Description |
Maker |
57919-6702 0579196702 |
1.52mm (.060) OBD-II Male Terminal for AVS(CAVS) 0.3-0.5 mm2;
|
Molex Electronics Ltd.
|
BL0307-50-44 |
52mm LED Cluster
|
Kingbright Electronic
|
6MBI100FC-060 |
6MBI100FC-060
|
American Microsemiconductor Inc.
|
1N-SS254 |
Packing Specification of 52mm Ammo Pack
|
Semtech Corporation
|
6475 |
Test Probe Tips For 060 Series Probes
|
Pomona Electronics
|
YA-2RL-A6 |
SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.5A, 125VDC, 1.52mm, PANEL MOUNT
|
HONEYWELL SENSING AND CONTROL
|
15-87-0205 |
Connector; No. of Contacts:68; Mounting Type:PCB; Gender:Female; No. of Rows:2; Pitch Spacing:0.05" 68 CONTACT(S), FEMALE, TELECOM AND DATACOM CONNECTOR, SOLDER, RECEPTACLE
|
Molex, Inc.
|
M30-1401500 M30-1400600 |
1.25mm Pitch SIL Female Crimp Housing, 15-way 15 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR 1.25mm Pitch SIL Female Crimp Housing, 6-way 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR
|
Harwin PLC
|
19418-0010 |
Connector; Gender:Female; Number of Contacts:6; Series:MX150L; Color:Black; For Use With:19420; Pitch Spacing:5.84mm; Wire Size (AWG):16-14 6 CONTACT(S), FEMALE, COMBINATION LINE CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
19418-0007 |
Receptacle assembly; Gender:Female; Number of Contacts:2; Series:MX150L; Color:Black; For Use With:19420; Pitch Spacing:5.84mm; Wire Size (AWG):16-14 2 CONTACT(S), FEMALE, COMBINATION LINE CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
22-01-1082 |
Connector Housing; Gender:Female; Number of Contacts:8; Series:5051-N; Body Material:PA Polyamide (Nylon) 6/6; Number of Rows:1; Pitch Spacing:2.5mm 8 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Molex, Inc.
|
|