PART |
Description |
Maker |
0351500290 35150-0290 |
1.78mm (.070) Tab Wire-to-Wire TPA? 6.20mm (.244) Pitch, 2 Circuits, White MOLEX Connector
|
Molex Electronics Ltd.
|
0022289090 |
2.54mm (.100") Pitch KK庐 Header, Breakaway, Right Angle Surface Mount Compatible, 9 Circuits, Tin (Sn) Plating, Mating Pin Length 6.20mm (.244"), with Kinked PC
|
Molex Electronics Ltd.
|
22-28-8054 |
2.54mm (.100) Pitch KK? Header, Breakaway, Right Angle Surface Mount Compatible, 5 Circuits, 0.76μm (30μ) Gold (Au) Selective Plating, Mating Pin Length 6.20mm (.244)
|
Molex Electronics Ltd.
|
0022289080 22-28-9080 |
2.54mm (.100) Pitch KK? Header, Breakaway, Right Angle Surface Mount Compatible, 8 Circuits, Tin (Sn) Plating, Mating Pin Length 6.20mm (.244), with Kinked PC Tails MOLEX Connector
|
Molex Electronics Ltd.
|
0022288362 42377-0106 22-28-8362 |
2.54mm (.100) Pitch KK? Header, Breakaway, Right Angle Surface Mount Compatible, 36 Circuits, 0.38μm (15μ) Gold (Au) Selective Plating, Mating Pin Length 6.20mm (.244) Molex Electronics Ltd.
|
Molex Electronics Ltd.
|
42377-0355 |
2.54mm (.100) Pitch KK? Header, Breakaway, Right Angle Surface Mount Compatible, 5 Circuits, 0.76μm (30μ) Gold (Au) Selective Plating, Mating Pin Length 6.20mm (.244), with Kinked PC Tails
|
Molex Electronics Ltd.
|
42377-0214 |
2.54mm (.100) Pitch KK? Header, Breakaway, Right Angle Surface Mount Compatible, 4 Circuits, 0.38μm (15μ) Gold (Au) Selective Plating, Mating Pin Length 6.20mm (.244), with Kinked PC Tails
|
Molex Electronics Ltd.
|
5557-18R-225 50-36-1668 0050361668 |
4.20mm (.165) Pitch Mini-Fit Jr. Receptacle Housing, Dual Row, PA Polyamide Nylon 6/6, UL 94V-0, 18 Circuits, Glow Wire Compatible 4.20mm (.165") Pitch Mini-Fit Jr.垄芒 Receptacle Housing, Dual Row, PA Polyamide Nylon 6/6, UL 94V-0, 18 Circuits, Glow Wire Compatible
|
Molex Electronics Ltd.
|
0781715006 78171-5006 |
1.20mm (.047) Pitch Pico-EZmate Wire-to-Board Header, Vertical, Housing Height: 1.65mm (.065), with side-Friction Locks, 6 Circuits
|
Molex Electronics Ltd.
|
50-36-1674 |
4.20mm Pitch Mini-Fit Jr. Receptacle Housing, Dual Row, PA Polyamide Nylon 6/6, UL 94V-0, 12 Circuits, Positive Latch, Glow Wire Compatible
|
Molex Electronics Ltd.
|
5557-05R4-225 50-36-1666 0050361666 |
4.20mm (.165) Pitch Mini-Fit Jr.?/a> Receptacle Housing, Single Row, PA Polyamide Nylon 6/6, UL 94V-0, 5 Circuits, Passive Latch, Glow Wire Compatible 4.20mm (.165) Pitch Mini-Fit Jr. Receptacle Housing, Single Row, PA Polyamide Nylon 6/6, UL 94V-0, 5 Circuits, Passive Latch, Glow Wire Compatible
|
Molex Electronics Ltd.
|
|