PART |
Description |
Maker |
ADSP-21369BBP-2A ADSP-21368BBP-2A ADSP-21367KBP-2A |
SHARC Processors 32-BIT, 55.56 MHz, OTHER DSP, PBGA256 32-BIT, 66.67 MHz, OTHER DSP, PBGA256 MO-192BAL-2, BGA-256 High-Performance 32-bit Floating-Point SHARC Processor for General Purpose Applications; Package: 208 Ld LQFP(28x28 w_8.9mm_heatsink); No of Pins: 208; Temperature Range: Comm. 32-BIT, 44.44 MHz, OTHER DSP, PQFP208 32-BIT, 55.56 MHz, OTHER DSP, PQFP208 32-BIT, 61.012 MHz, OTHER DSP, PQFP208
|
Analog Devices, Inc. ANALOG DEVICES INC
|
CY39050Z208-83NTC CY3930V388-83NTC CY39050V484-83N |
Evaluation Board for ADXL346 - 3-Axis, ±2 g/±4 g/±8 g/±16 g Ultralow Power Digital Accelerometer 50 MHz to 4.0 GHz RF/IF Gain Block; Package: 3-pin; Temperature Range: -40°C to 125°C Triple Skew-Compensating Video Delay Line with Analog and Digital Control; Package: 32-LFCSP (5x5mm w/3.5mm exposed pad); Temperature Range: -40°C to 125°C 3-Axis, ±2 g/±4 g/±8 g/±16 g Ultralow Power Digital Accelerometer; Package: 16-LGA; Temperature Range: -40°C to 125°C CPLDs at FPGA Densities CPLD器件在FPGA的密 CPLDs at FPGA Densities LOADABLE PLD, 8.5 ns, PBGA676 CPLDs at FPGA Densities LOADABLE PLD, 7.2 ns, PQFP208 CPLDs at FPGA Densities LOADABLE PLD, 7.2 ns, PBGA256 CPLDs at FPGA Densities LOADABLE PLD, 10 ns, PBGA388 CPLDs at FPGA Densities LOADABLE PLD, 15 ns, PQFP208 CPLDs at FPGA Densities LOADABLE PLD, 15 ns, PBGA256 CPLDs at FPGA Densities LOADABLE PLD, 15 ns, PBGA484 CPLDs at FPGA Densities LOADABLE PLD, 15 ns, PBGA676 CPLDs at FPGA Densities LOADABLE PLD, 10 ns, PBGA676 CPLDs at FPGA Densities LOADABLE PLD, 10 ns, PBGA256
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
79RC32T355150DHG 79RC32T355133DHG |
32-BIT, 150 MHz, RISC PROCESSOR, PQFP208 32-BIT, 133 MHz, RISC PROCESSOR, PQFP208
|
INTEGRATED DEVICE TECHNOLOGY INC
|
XC5215-6HQ240C XC5215-6HQ208C XC5200-4PC84C XC5206 |
TV 6C 6#12 SKT RECP TV 6C 6#220 PIN RECP FPGA, 120 CLBS, 4000 GATES, 83 MHz, CPGA156 CTV 6C 6#22D PIN RECP 现场可编程门阵列 Field Programmable Gate Arrays 现场可编程门阵列 Field Programmable Gate Arrays FPGA, 64 CLBS, 2000 GATES, 10 MHz, PQFP64 ARTESYN PART 现场可编程门阵列 Field Programmable Gate Arrays FPGA, 120 CLBS, 4000 GATES, 83 MHz, PQFP100 Field Programmable Gate Arrays FPGA, 484 CLBS, 15000 GATES, 83 MHz, PQFP208 ECONOLINE: RZ - 1kVDC Isolation- SMD Package Styles- 5V, 12V and 15V Output- UL94V-0 Package Material- No Heatsink Required- No Extern. Components- Toroidal Magnetics- Efficiency to 62% FPGA, 324 CLBS, 10000 GATES, 83 MHz, PQFP208 Field Programmable Gate Arrays FPGA, 484 CLBS, 15000 GATES, 83 MHz, PQFP160 Field Programmable Gate Arrays FPGA, 324 CLBS, 10000 GATES, 83 MHz, CPGA223 Low-cost, register/latch rich, SRAM based
|
Xilinx, Inc. XILINX INC
|
IMSG201X-40S |
GRAPHICS PROCESSOR, PQFP208
|
STMICROELECTRONICS
|
HMP8201CN |
SPECIALTY TELECOM CIRCUIT, PQFP208
|
HARRIS SEMICONDUCTOR
|
CL-PD6729-QC-A |
PCMCIA BUS CONTROLLER, PQFP208
|
CIRRUS LOGIC INC
|
LAXP2-5E-5TN144E LAXP2-8E-5QN208E LAXP2-8E-5TN144E |
Automotive Low-Cost Non-Volatile FPGA Family; Voltage: 1.2V; Grade: -5; Package: Lead-Free TQFP; Pins: 144; Temperature: AUTO; LUTs (k): 5 FPGA, 5000 GATES, PQFP144 Automotive Low-Cost Non-Volatile FPGA Family; Voltage: 1.2V; Grade: -5; Package: Lead-Free PQFP; Pins: 208; Temperature: AUTO; LUTs (k): 8 FPGA, 8000 GATES, PQFP208 Automotive Low-Cost Non-Volatile FPGA Family; Voltage: 1.2V; Grade: -5; Package: Lead-Free TQFP; Pins: 144; Temperature: AUTO; LUTs (k): 8 FPGA, 8000 GATES, PQFP144 Automotive Low-Cost Non-Volatile FPGA Family; Voltage: 1.2V; Grade: -5; Package: Lead-Free PQFP; Pins: 208; Temperature: AUTO; LUTs (k): 5 FPGA, 5000 GATES, PQFP208 Automotive Low-Cost Non-Volatile FPGA Family; Voltage: 1.2V; Grade: -5; Package: Lead-Free ftBGA; Pins: 256; Temperature: AUTO; LUTs (k): 8 FPGA, 8000 GATES, PBGA256 Automotive Low-Cost Non-Volatile FPGA Family; Voltage: 1.2V; Grade: -5; Package: Lead-Free ftBGA; Pins: 256; Temperature: AUTO; LUTs (k): 5 FPGA, 5000 GATES, PBGA256 Automotive Low-Cost Non-Volatile FPGA Family; Voltage: 1.2V; Grade: -5; Package: Lead-Free csBGA; Pins: 132; Temperature: AUTO; LUTs (k): 8
|
Lattice Semiconductor, Corp. LATTICE SEMICONDUCTOR CORP
|
QL2020L-2PQ208C |
FPGA, 1440 CLBS, 20000 GATES, PQFP208
|
QUICKLOGIC CORP
|
QL2020-1PQ208C |
FPGA, 1440 CLBS, 20000 GATES, PQFP208
|
QUICKLOGIC CORP
|
CL-PS7110 CL-PS7110-VC-A CL-PS7110-VI-A |
Low-Power System-on-a-Chip MROM, RISC MICROCONTROLLER, PQFP208
|
Cirrus Logic, Inc.
|
ZR36067PQC-LV |
PCI BUS CONTROLLER, PQFP208 EIAJ, PLASTIC, QFP-208 Peripheral IC
|
Zoran, Corp.
|
|