PART |
Description |
Maker |
LTC4260-15 |
Positive High Voltage Hot Swap Controller with I2C Compatible Monitoring
|
Linear Technology
|
LTC4260 4260F LTC4260ISW LTC4260CSW LTC4260CGN LTC |
From old datasheet system Positive High Voltage Hot Swap Controller with I2C Compatible Monitoring
|
Linear Technology
|
X24165 X24165P X24165P-2.7 X24165PI X24165PI-2.7 X |
Hot Swap Controller IC; Hot Swap Controller Type:Negative Voltage; Controlled Voltage Min:-10V; Controlled Voltage Max:-80V; Number of Controlled Voltages:1; Package/Case:8-SOIC; Power Good Output:Active Low Hot Swap Controller IC; Hot Swap Controller Type:Negative Voltage; Controlled Voltage Min:-10V; Controlled Voltage Max:-80V; Number of Controlled Voltages:1; Package/Case:8-SOIC; Power Good Output:Active High IC LDO REG 3A 5.5V W/ENBL 8-SOIC Advanced 2-Wire Serial E2PROM with Block Lock Protection
|
XICOR[Xicor Inc.]
|
ISL6116 ISL6120 ISL6120CB ISL6120CB-T ISL6120CBZA |
Controller, Hot Swap, Power Distribution, Single 2.5V Control and Low Side Switch, IntelliTripCurrent Regulation, PGOOD Always Enabled Controller, Hot Swap, Power Distribution, Single 3.3V Control and Low Side Switch, IntelliTripCurrent Regulation, PGOOD Always Enabled Controller, Hot Swap, Power Distribution, Single 5V Control and Low Side Switch, IntelliTripCurrent Regulation, PGOOD Always Enabled Controller, Hot Swap, Power Distribution, Single 12V Control, IntelliTripCurrent Regulation, PGOOD Always Enabled Octal Transparent D-Type Latches With 3-State Outputs 20-SO -40 to 85 Power Distribution Controllers 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8
|
Intersil Corporation Intersil, Corp.
|
LTC4260CGNTRPBF LTC4260CUHTR LTC4260CUHTRPBF |
Positive High Voltage Hot Swap Controller with I2C Compatible Monitoring; Package: SSOP; No of Pins: 24; Temperature Range: 0°C to 70°C 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO24 Positive High Voltage Hot Swap Controller with I2C Compatible Monitoring; Package: QFN; No of Pins: 32; Temperature Range: 0°C to 70°C 1-CHANNEL POWER SUPPLY SUPPORT CKT, PQCC32
|
Linear Technology, Corp.
|
LTC4251-1 LTC4251 425112F LTC4251-2 |
Negative Voltage Hot Swap Controllers in SOT-23 From old datasheet system Negative Voltage Hot Swap Controller in SOT-23
|
Linear Technology
|
SMH4042 SMH4042G-AGM SMH4042G-AGN SMH4042G-AHM SMH |
Hot Swap⑩ Controller Hot Swap Controller
|
SUMMIT[Summit Microelectronics, Inc.] ETC
|
LTC4261-2-15 LTC4261-15 |
Negative Voltage Hot Swap Controllers with ADC and I2C Monitoring
|
Linear Technology
|
ISL33002IRT2Z ISL33001IBZ ISL33001IUZ ISL33001IRTZ |
I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
|
Renesas Electronics Corporation
|
PCA9616PW |
3-channel multipoint Fast-mode Plus differential I2C-bus buffer with hot-swap logic
|
NXP Semiconductors
|
PIC16LC710-E/JW PIC16LC710-/JW PIC16C710T-04/SO PI |
Negative Voltage Hot Swap Controllers with ADC and I2C Monitoring; Package: QFN; No of Pins: 28; Temperature Range: -40°C to 85°C Negative Voltage Hot Swap Controllers with ADC and I2C Monitoring; Package: QFN; No of Pins: 24; Temperature Range: -40°C to 85°C 8-BIT MICROCONTROLLER 8位微控制
|
Microchip Technology, Inc.
|