PART |
Description |
Maker |
SP6652ER SP6652_07 SP6652 SP6652ER_TR SP6652ER-L S |
1A, High Efficiency, Fixed 1.4 MHz Current Mode PWM Buck Regulator High Efficiency Synchronous Step-Down Converter
|
SIPEX[Sipex Corporation]
|
21PCF130TW4-002 |
DUAL COLOR LED, HIGH EFFICIENCY RED/HIGH EFFICIENCY GREEN
|
LEDTRONICS INC
|
LTC1929CG LTC1929IG LTC1929 LTC1929-PG |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 2-Phase, High Efficiency,Synchronous Step-Down Switching Regulators 2-Phase, High Efficiency,Synchronous Step-DownSwitching Regulators
|
Linear Technology Corporation
|
BH16500CDL BH16500CDGG 74ABTH16500CDL 74ABTH16500C |
18-bit universal bus transceiver 3-State ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80%
|
Philips Semiconductors NXP Semiconductors N.V.
|
A29040B-70 A29040BL-55 A29040BL-55UF A29040BL-90 A |
ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% 512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
|
AMIC Technology Corporation http://
|
MUR360 MUR340 |
From old datasheet system Plastic High-Efficiency Rectifiers (Reverse Voltage 400 to 600V Forward Current 3.0A) (MUR340 / MUR360) Plastic High-Efficiency Rectifiers
|
List of Unclassifed Manufacturers ETC[ETC] SIYU Electronic Theatre Controls, Inc.
|
CS3972YTVA5 CS3972YTHA5 CS3972 CS3972YDW16 CS3972Y |
1.25A High Efficiency Switching Regulator 5V/ 750mA Linear Regulator with RESET RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS
|
CHERRY[Cherry Semiconductor Corporation] ZF Electronics Corporation
|
AL3157 AL3157F-7 |
Four-Channel High Efficiency Charge Pump HIGH EFFICIENCY 1x/2x CHARGE PUMP LED DRIVER FOR SMALL SCREEN BACKLIGHTING
|
Diodes Incorporated
|
LT10701 LT1071HVCTPBF LINEARTECHNOLOGYCORP-LT1070I |
Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 2.5 A SWITCHING REGULATOR, 40 kHz SWITCHING FREQ-MAX, PZFM5 5A and 2.5A High Efficiency Switching Regulators
|
Linear Technology, Corp.
|
21PCT120T4-YG/G 21PCT120T4-G-LC/G-LC 21PCT120T4-RG |
DUAL COLOR LED ARRAY, YELLOW-HIGH EFFICIENCY GREEN/HIGH EFFICIENCY GREEN 4 PIN SINGLE COLOR LED ARRAY, HIGH EFFICIENCY GREEN DUAL COLOR LED ARRAY, HIGH EFFICIENCY RED/HIGH EFFICIENCY GREEN 4 PIN DUAL COLOR LED ARRAY, HIGH EFFICIENCY RED AND GREEN/HIGH EFFICIENCY RED 4 PIN DUAL COLOR LED ARRAY, HIGH EFFICIENCY RED AND GREEN/YELLOW-HIGH EFFICIENCY GREEN 4 PIN DUAL COLOR LED ARRAY, HIGH EFFICIENCY RED-HIGH EFFICIENCY GREEN/YELLOW 4 PIN
|
LEDtronics, Inc.
|