PART |
Description |
Maker |
5962-8764807QYA 5962-8764806QYA 5962-8764809QYA 59 |
x8 EPROM High-Precision, 10V Reference Pin-Programmable Precision Voltage Reference High-Precision 2.5V Voltage Reference x8存储
|
Littelfuse, Inc.
|
ADR390 ADR392 ADR391 ADR395 |
2.048 V Precision Voltage Reference 4.096 V Precision Voltage Reference 2.5 V Bandgap Voltage Reference 5 V Precision Voltage Reference
|
Analog Devices
|
X60003D-50 X60003DIG3-50T1 X60003CIG3-50T1 X60003B |
Precision 5.0V SOT-23 FGAVoltage Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, PDSO3 Precision 5.0V SOT-23 FGA??Voltage Reference
|
Intersil Corporation Intersil, Corp.
|
LT1021BCN8-10 LT1021CCN8-10 LT1021CIN8-10 LT1021DC |
Precision Reference; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 7 V, PDSO8 Precision Reference
|
http:// Linear Technology, Corp. Linear Dimensions Semiconductor
|
ADR318ARJ-REEL7 ADR318 ADR318ARJ-R2 ADR318ARJ-REEL |
1.8 V Precision Voltage Reference Precision Low Drift SOT-23 Voltage Reference with Shutdown
|
AD[Analog Devices]
|
ZRT040_03 ZRT040 ZRT040GA1 ZRT040GC1 ZRT040GC2 ZRT |
Trimmable Voltage Reference 4.01V LOW POWER PRECISION REFERENCE SOURCE
|
ZETEX[Zetex Semiconductors] Diodes Incorporated
|
VRE3041L VRE3041 VRE3041A VRE3041B VRE3041C VRE304 |
THREE TERM VOLTAGE REFERENCE, PDSO8 Low Cost Precision Reference
|
ETC[ETC] THALER CORPORATION
|
X60008BIS8Z-25 X60008BIS8-25 X60008DIS8-25 |
Precision 2.5V FGAVoltage Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, PDSO8
|
Intersil Corporation Intersil, Corp.
|
LT1460-10 LT1460ACN8-10 LT1460ACS8-10 LT1460BIN8-1 |
Micropower Precision Series Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 10 V, PDSO8 From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
AS7C331MPFD32A-36A_V1.1 AS7C331MPFD36A-200TQIN AS7 |
LM4041 Precision Micropower Shunt Voltage Reference; Package: SC-70; No of Pins: 5 1M X 36 STANDARD SRAM, 3.1 ns, PQFP100 LM4041 Precision Micropower Shunt Voltage Reference; Package: TO-92; No of Pins: 3 1M X 36 STANDARD SRAM, 3.5 ns, PQFP100 3.3V 1M x 32/36 pipelined burst synchronous SRAM 1M X 32 STANDARD SRAM, 3.8 ns, PQFP100 LM4040 Precision Micropower Shunt Voltage Reference; Package: TO-92; No of Pins: 3 LM4040 Precision Micropower Shunt Voltage Reference; Package: SOT-23; No of Pins: 3 LM4040 Precision Micropower Shunt Voltage Reference; Package: SC-70; No of Pins: 5 LM4041 Precision Micropower Shunt Voltage Reference; Package: SOT-23; No of Pins: 3 From old datasheet system
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
ADR391 ADR395 ADR390 ADR392 ADR391ART-RL ADR392ART |
Precision Low Drift 2.048 V/2.5 V/4.096 V/ 5.0 V SOT-23 Reference with Shutdown 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, PDSO5 Precision Low Drift 2.048 V/2.5 V/4.096 V/ 5.0 V SOT-23 Reference with Shutdown 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, PDSO5 Precision Low Drift 2.048 V/2.5 V/4.096 V/ 5.0 V SOT-23 Reference with Shutdown 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 4.096 V, PDSO5 Precision Low Drift 2.048 V/2.5 V/4.096 V/ 5.0 V SOT-23 Reference with Shutdown 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.048 V, PDSO5 ER 3C 3#16S SKT PLUG CONNECTOR ACCESSORY
|
Analog Devices, Inc. ANALOG DEVICES INC
|