PART |
Description |
Maker |
M38023E7 M38022E3 M38021E2 M38025M2 M38025M1 M3802 |
RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer 1-Ch. 10-Bit 1.25 MSPS ADC 8-Ch., DSP/SPI, Hardware Configurable, Low Power 24-SOIC -40 to 85 TRANS PREBIASED NPN 200MW SOT-23 Screwless Socket Brdg.(50 pk) 8-BIT SINGLE-CHIP MICROCOMPUTER R1 单芯位CMOS微机 Single Output LDO, 500mA, Fixed(2.5V), Tight Output Accuracy of 2%, Thermal Overload Protection 20-TSSOP 0 to 125 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Sem... http:// Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
LTC1289 LTC1289BC LTC1289BCJ LTC1289BCN LTC1289BCS |
From old datasheet system 3 Volt Single Chip 12-Bit Data Acquisition System
|
LINER[Linear Technology]
|
LTC1283 LTC1283AC LTC1283ACN LTC1283ACS LTC1283C L |
From old datasheet system 3V Single Chip 10-Bit Data Acquisition System
|
LINER[Linear Technology]
|
M38223M4M-145HP M38223M4-182FP M38223M4-183FP M382 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 3822 Series Microcontrollers: On-Chip Segment LCD Drivers with A-D Converters RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
LH7A400N0C000 LH7A400N0B000 LH7A400N0E000 |
32-Bit System-on-Chip
|
Sharp Corporation Sharp Electrionic Components
|
SHARPLH7A404 SHARP-LH7A404 |
32 BIT SYSTEM ON CHIP
|
Sharp Electrionic Compo... Sharp Corporation
|
LH7A400 |
32-Bit System-on-Chip
|
SHARP Electronic
|
M16C30L M16C30M8 M16C30MA M16C30MC M3030M8 M3030MA |
16-BIT, MROM, 16 MHz, MICROCONTROLLER, PQFP100 14 X 20 MM, 0.65 MM PITCH, PLASTIC, QFP-100 SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 单片16CMOS微机 SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 单片16位CMOS微机 (M30302Mx) Single-Chip 16-Bit CMOS Microcomputer
|
Renesas Electronics, Corp. Renesas Electronics Corporation. http://
|
LC864312A LC864316A LC864320A LC864324A LC864328A |
8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash 8位微控制器与2/4/8K字节在系统可编程闪存 8-Bit Single-Chip Microcontroller
|
Sanyo Electric Co., Ltd. SANYO[Sanyo Semicon Device]
|
LTC1590 1590F LTC1590IS LTC1590C LTC1590CN LTC1590 |
8-Bit, 75 kSPS ADC Serial-Out, On-Chip 12-Ch. Analog Mux, 11 Ch. 20-PLCC Dual Serial 12-Bit Multiplying DAC From old datasheet system
|
Linear Technology Corporation LINER[Linear Technology]
|