PART |
Description |
Maker |
HT3503L |
LCD MODULE (320 × RGB × 240) LCD MODULE (320 隆驴 RGB 隆驴 240)
|
HYES Optoelectronics, Inc.
|
HT10401LHO |
LCD MODULE(1024 × RGB × 768)with AR Coated Glass Optical Bonding LCD MODULE(1024 隆驴 RGB 隆驴 768)with AR Coated Glass Optical Bonding
|
HYES Optoelectronics, Inc.
|
DS1921H DS1921Z |
High Resolution Thermochron iButton Range H: 15°C to 46°C; Z: -5°C to 26°C
|
MAXIM - Dallas Semiconductor
|
HS5701C-T |
LCD MODULE (320 隆驴 RGB隆驴 240) wioth Touch Screen LCD MODULE (320 × RGB× 240) wioth Touch Screen
|
HYES Optoelectronics, Inc.
|
MC7915BTG MC7905.2CTG MC7912BT MC7915ACT MC7915CD2 |
1A, 12V,±4% Tolerance, Negative Voltage Regulator, Ta = -40°C to 125°C; Package: TO-220, SINGLE GAUGE; No of Pins: 3; Container: Rail; Qty per Container: 50 12 V FIXED NEGATIVE REGULATOR, PSFM3 1A, 15V,±2% Tolerance, Negative Voltage Regulator, Ta = 0°C to 125°C; Package: TO-220, SINGLE GAUGE; No of Pins: 3; Container: Rail; Qty per Container: 50 15 V FIXED NEGATIVE REGULATOR, PSFM3 1A, 15V,±4% Tolerance, Negative Voltage Regulator, Ta = 0°C to 125°C; Package: 3 LEAD D2PAK; No of Pins: 3; Container: Rail; Qty per Container: 50 15 V FIXED NEGATIVE REGULATOR, PSSO2
|
Rectron Semiconductor
|
AN5379NS AN5371NS |
(AN5371NS) RGB Signal Output IC for LCD TV RGB Signal Output for LCD TV
|
Panasonic Semiconductor Panasonic Corporation
|
MAXQ610B-0000 |
16-Bit Microcontroller with Infrared Module; Package: THIN QFN, 40 pin ; Temperature Range: 0°C to 70°C 16-BIT, FLASH, 12 MHz, RISC MICROCONTROLLER, QCC40
|
Maxim Integrated Products, Inc.
|
HCD667A66RBP HD667B66R HCD667B66RBP HD66766R HD667 |
132 X 176-DOT GRAPHICS LCD CONTROLLER/DRIVER FOR 65K COLORS
|
HITACHI[Hitachi Semiconductor]
|
F-51167NCU-FW-AA |
320 x 240dots; dot size:0.10 x 0.34mm; 0.3-7.0V 20.0mA LCD module LCD Module Specification
|
OPTREX[OPTREX CORPORATION]
|
SSD1289 |
240 RGB x 320 TFT LCD Controller Driver
|
Solomon Systech
|