PART |
Description |
Maker |
IL-Z-C3-A-1-15000 |
MAGAZINE PAPER TAPE
|
Japan Aviation Electronics Industry, Ltd.
|
103P104X0200S 103P104X0200T 103P105X0200S 103P105X |
Circular Connector; No. of Contacts:11; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:18; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:18-11 金属外壳电容器纸,薄铝箔0安培得来速通,微型 Paper Capacitors Metal Case, Film/Foil, 10 Ampere Thru-Pass, Subminiature 金属外壳电容器纸,薄铝箔0安培得来速通,微型 71-146518-11P 金属外壳电容器纸,薄铝箔0安培得来速通,微型 TERM BLOCK PLUG 5.08MM 4POS PCB Paper Capacitors Metal Case/ Film/Foil/ 10 Ampere Thru-Pass/ Subminiature
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
0803329 |
Magazine - TMP-UM-MAG6
|
PHOENIX CONTACT
|
0803334 |
Magazine - TMP-UM-MAG10
|
PHOENIX CONTACT
|
2PD601A 2PD601AQ 2PD601AR 2PD601AS |
NPN general purpose transistor Paper Capacitor; Voltage Rating:1500VDC; Capacitor Dielectric Material:Paper; Capacitance:12uF; Capacitance Tolerance: 10%; Lead Pitch:20.64mm; Leaded Process Compatible:No; Package/Case:D; Peak Reflow Compatible (260 C):No RoHS Compliant: No
|
Philips Semiconductors NXP Semiconductors N.V.
|
MP3-Y14700/250/20LL35MM MP3-Y1820/250/20LL35MM MP3 |
CAPACITOR, METALLIZED PAPER, 0.0047 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, METALLIZED PAPER, 0.00082 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, METALLIZED PAPER, 0.0027 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, METALLIZED PAPER, 0.0012 uF, THROUGH HOLE MOUNT RADIAL LEADED
|
Rhombus Industries, Inc.
|
PME294RB4100MR30 PME294RB4470MR30 PME294 PME294RB3 |
From old datasheet system EMI suppressor class Y1 metallized paper EMI suppressor, class Y1, metallized paper 电磁干扰抑制,类1,金属纸
|
http:// List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
FKM02PCM2.52200/10/63VDCROLL18.5 FKM02PCM2.54700/1 |
CAPACITOR, FILM/FOIL, MIXED (FILM PAPER), 63 V, 0.0022 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, FILM/FOIL, MIXED (FILM PAPER), 100 V, 0.0047 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, FILM/FOIL, MIXED (FILM PAPER), 100 V, 0.0033 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, FILM/FOIL, MIXED (FILM PAPER), 400 V, 0.0033 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, FILM/FOIL, MIXED (FILM PAPER), 63 V, 0.0068 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, FILM/FOIL, MIXED (FILM PAPER), 63 V, 0.0033 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, FILM/FOIL, MIXED (FILM PAPER), 63 V, 0.0015 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, FILM/FOIL, MIXED (FILM PAPER), 63 V, 0.001 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, FILM/FOIL, MIXED (FILM PAPER), 250 V, 0.0033 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT
|
Vishay Intertechnology, Inc. TE Connectivity, Ltd. Electronic Theatre Controls, Inc.
|
00770 00770-2 |
AC-PAPER-CAPACITOR 1500pF. 350 VAC, (Y) 交流造纸电容1500pF350伏交流电,(青年 AC-PAPER-CAPACITOR 1500pF. 350 VAC (Y)
|
Vicor, Corp. VICOR[Vicor Corporation]
|
FTP-020P001 FTP-020P0020 FTP-020P0104 FTP-020P0704 |
THERMO-SENSITIVE PAPER
|
Fujitsu Component Limited. Fujitsu Component Limit...
|
SSP-132MHT SSP-122BHT SSP-122RVT |
H=1mm Paper Slide Switches
|
MITSUMI ELECTRIC MITSUMI[Mitsumi Electronics, Corp.]
|
|