PART |
Description |
Maker |
SKRDLAA010 SKRDLBA010 |
6.2隆驴7.15mm SidepushTM (Snap-in Type) 6.2×7.15mm SidepushTM (Snap-in Type)
|
ALPS ELECTRIC CO.,LTD.
|
K75-29A K75-48M K75-82 K75-15 K75-80 K75-54 K78-10 |
Aluminum Snap-In Capacitor; Capacitance: 10000uF; Voltage: 35V; Case Size: 30x30 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 22000uF; Voltage: 35V; Case Size: 35x45 mm; Packaging: Bulk FILM AND PAPER-FILM CAPACITORS Aluminum Snap-In Capacitor; Capacitance: 10000uF; Voltage: 35V; Case Size: 25x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 4700uF; Voltage: 35V; Case Size: 25x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 5600uF; Voltage: 35V; Case Size: 22x35 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 680uF; Voltage: 450V; Case Size: 35x50 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 8200uF; Voltage: 16V; Case Size: 22x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 390uF; Voltage: 450V; Case Size: 30x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 12000uF; Voltage: 35V; Case Size: 25x45 mm; Packaging: Bulk CAPACITOR, 6800UF 35V CAPACITOR, 6800UF 35V; CAPACITANCE:6800UF; VOLTAGE RATING, DC:35V; CAPACITOR DIELECTRIC TYPE:ALUMINIUM ELECTROLYTIC; SERIES:LLS; TEMP, OP. MAX:85(DEGREE C); TEMP, OP. MIN:-40(DEGREE C); TOLERANCE, :20%; RoHS Compliant: Yes Aluminum Snap-In Capacitor; Capacitance: 8200uF; Voltage: 35V; Case Size: 22x45 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 270uF; Voltage: 450V; Case Size: 35x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 22000uF; Voltage: 16V; Case Size: 25x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 22000uF; Voltage: 16V; Case Size: 30x30 mm; Packaging: Bulk
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers http://
|
EETHC1H392HJ EETHC1H392JJ EETHC1H472HJ EETHC1H472J |
Snap-in Type
|
Panasonic Semiconductor
|
ECEC1KA152BJ ECEC1KA152CJ ECEC1HA332CJ ECEC1JA332C |
Snap-in Type
|
Panasonic Semiconductor http://
|
SKQJ |
6.6mm Square(Snap-in Type)
|
ALPS ELECTRIC
|
400MXC120MEFCSN25X25 450MXC100MEFCSN25X30 |
105 Standard, Snap-in Terminal Type
|
RUBYCON CORPORATION
|
SLPX822M063E4P3 SLPX182M063A1P3 SLPX153M025A9P3 SL |
Type SLPX 85 隆?C Snap-In Aluminum Electrolytic Type SLPX 85 掳C Snap-In Aluminum Electrolytic Type SLPX 85 °C Snap-In Aluminum Electrolytic
|
Cornell Dubilier Electronics http:// Cornell Dubilier Electronic... Cornell Dubilier Electr...
|
10302 |
COAXIAL CONNECTOR 50 OHM SNAP ON TYPE
|
Winchester Electronics Corporation
|
SKQB |
10mm Square Water-proof (Snap-in Type)
|
ALPS ELECTRIC
|
GP1S566 GP1S563 |
Long Case, Snap-in Mounting Type Photointerrupter
|
SHARP[Sharp Electrionic Components]
|
SKHCBJA010 SKHCBEA010 SK2AA00540 SKHCBGA010 SKHCBF |
TACT SwitchTM 12mm Square (Snap-in Type)
|
ALPS ELECTRIC CO.,LTD.
|
CD296KC |
EC Snap-In 105∑C Long Lifetime 5.000h High Ripple Currents(Snap-In)
|
JIANGHAI[Jianghai Europe GmbH]
|