PART |
Description |
Maker |
EN12 EN12-VS10AF20 EN12-VS11AF20 EN12-VS12AF20 EN1 |
12mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Plastic Shaft Push-on Switch Option RoHS Compliant
|
BI Technologies Corporation
|
EN12-VS22AF20 EN12 EN12-VS10AF20 EN12-VS11AF20 EN1 |
12mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Plastic Shaft Push-on Switch Option RoHS Compliant
|
BITECH[Bi technologies]
|
EN16 EN16-V20AF20 EN16-V11BF20 EN16-V10BF20 EN16-V |
16mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Plastic Shaft RoHS Compliant ROTARY OPTICAL POSITION ENCODER
|
BI Technologies Corporation BI Technologies, Corp.
|
EM14R1D-R25-L032S EM14R1D-R20-L032S EM14A0A-B28-L0 |
ROTARY OPTICAL ENCODER - 14MM SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER 14 mm Rotary Optical Encoder w/Switch SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER Optical Encoder; Encoder Type:Optical; Encoder Resolution:16CPR; No. of Channels:2; Shaft Diameter:6mm; Series:EM14; Rotation Speed:120rpm; Rotational Life Revolutions:1000000; Torque Max:1.5in-oz RoHS Compliant: Yes ENCODER, ROTARY, OPTICAL, W/SW, 14MM; Resolution, PPR:32; Current rating:25mA; Series:EM14A0D-C24-L032S; Depth, behind panel:10.03mm; Speed, rotational:120rpm; Temperature, operating range:-40(degree C) to 70(degree C); Current, RoHS Compliant: Yes Optical Encoder; Encoder Type:Optical; Encoder Resolution:8CPR; No. of Channels:2; Shaft Diameter:6.35mm; Series:EM14; Rotation Speed:120rpm; Rotational Life Revolutions:1000000; Torque Max:1.5in-oz RoHS Compliant: Yes
|
Bourns, Inc. BOURNS INC
|
SML-LX4747MWC-TR10 |
12mm x 12mm SURFACE MOUNT LED, WARM WHITE
|
http://
|
3315C-015-006L 3315R-105-016L 3315P-105-006 3315P- |
9 mm Square Sealed Incremental Encoder SINGLE, 3 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
Bourns, Inc. BOURNS INC
|
62S45-M5-050C 62S11-M5-060CH 62S30-N0-180C 62S30-H |
1/2" Package, Low Profile Encoder SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
Grayhill, Inc. GRAYHILL INC
|
EC12E24204A2 EC12E24204A8 EC12E24204A9 EC12E242440 |
12mm Size Insulated Shaft Type Encoder Variety
|
List of Unclassifed Man... ETC List of Unclassifed Manufacturers
|
ENC1D-B16-L00128L ENC1D-B20-L00128L ENC1D-C16-L001 |
EN - Rotary Optical Encoder
|
Bourns Electronic Solutions Bourns Electronic Solut...
|
EMS22A50-M25-MD6 EMS22A30-M25-MD6 EMS22B30-M25-MD6 |
ROTARY OPTICAL POSITION ENCODER
|
BOURNS INC
|
BPSV58S1P24P13/00C6D BPSV58S1P24B13/00C6D |
ROTARY OPTICAL POSITION ENCODER
|
ZETTLER electronics GmbH
|