PART |
Description |
Maker |
B43231B5187M000 B43231B2477M000 B43231A0127M000 B4 |
Aluminum electrolytic capacitors Alu-X product lines Aluminum electrolytic capacitors
|
http:// EPCOS
|
PDSP1601MC |
ALU and Barrel Shifter
|
http://
|
2002-001-100 2002-001-150 2000-001-075 |
UEBERSTROMSCHUTZSCHALTER SNAP IN 10A UEBERSTROMSCHUTZSCHALTER SNAP IN 7.5A UEBERSTROMSCHUTZSCHALTER卡入7.5A UEBERSTROMSCHUTZSCHALTER SNAP IN 15A UEBERSTROMSCHUTZSCHALTER卡入15A
|
Ecliptek, Corp. Keystone Electronics, Corp.
|
CD297BB |
EC Snap-In 105∑C Extended Lifetime 7.000h High Ripple Currents(Snap-In)
|
JIANGHAI[Jianghai Europe GmbH]
|
CD296KC |
EC Snap-In 105∑C Long Lifetime 5.000h High Ripple Currents(Snap-In)
|
JIANGHAI[Jianghai Europe GmbH]
|
CD29HQH |
EC Snap-In 105°C Long Lifetime 5.000h Highest Ripple Currents Miniaturized(Snap-In)
|
Jianghai Europe GmbH
|
CD299PG |
EC Snap-In 105∑C Longest Lifetime 9.000h High Ripple Currents Miniaturized(Snap-In)
|
南通江海电容器股份有限公司
|
CD29HQH |
EC Snap-In 105∑C Long Lifetime 5.000h Highest Ripple Currents Miniaturized(Snap-In)
|
JIANGHAI[Jianghai Europe GmbH]
|
CD294BW |
EC Snap-In Standard 105∑C 4.000h Lifetime(Snap-In)
|
JIANGHAI[Jianghai Europe GmbH]
|
DBMC-13X3SJ-K126 |
Brand: Cannon Product Category: D Sub Product Line: D Sub Series: COMBO D
|
List of Unclassifed Manufacturers
|
K75-29A K75-48M K75-82 K75-15 K75-80 K75-54 K78-10 |
Aluminum Snap-In Capacitor; Capacitance: 10000uF; Voltage: 35V; Case Size: 30x30 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 22000uF; Voltage: 35V; Case Size: 35x45 mm; Packaging: Bulk FILM AND PAPER-FILM CAPACITORS Aluminum Snap-In Capacitor; Capacitance: 10000uF; Voltage: 35V; Case Size: 25x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 4700uF; Voltage: 35V; Case Size: 25x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 5600uF; Voltage: 35V; Case Size: 22x35 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 680uF; Voltage: 450V; Case Size: 35x50 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 8200uF; Voltage: 16V; Case Size: 22x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 390uF; Voltage: 450V; Case Size: 30x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 12000uF; Voltage: 35V; Case Size: 25x45 mm; Packaging: Bulk CAPACITOR, 6800UF 35V CAPACITOR, 6800UF 35V; CAPACITANCE:6800UF; VOLTAGE RATING, DC:35V; CAPACITOR DIELECTRIC TYPE:ALUMINIUM ELECTROLYTIC; SERIES:LLS; TEMP, OP. MAX:85(DEGREE C); TEMP, OP. MIN:-40(DEGREE C); TOLERANCE, :20%; RoHS Compliant: Yes Aluminum Snap-In Capacitor; Capacitance: 8200uF; Voltage: 35V; Case Size: 22x45 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 270uF; Voltage: 450V; Case Size: 35x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 22000uF; Voltage: 16V; Case Size: 25x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 22000uF; Voltage: 16V; Case Size: 30x30 mm; Packaging: Bulk
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers http://
|