PART |
Description |
Maker |
ADP3335 ADP3335ARM-18 ADP3335ARM-25 ADP3335ARM-285 |
0.3-16V; 200mW; 500MHz, high accuracy ultralow 500mA anyCAP low dropout regulator. For PCMCIA card, cellular phones, camcorders and cameras High Accuracy Ultralow IQ/ 500 mA anyCAP Low Dropout Regulator Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection High Accuracy Ultralow IQ, 500 mA anyCAP Low Dropout Regulator High Accuracy Ultralow Quiescent Current, 500mA, anyCAP?Low Dropout
|
Analog Devices, Inc. AD[Analog Devices] http://
|
LT3024IDE LT3024IDE-TR LT3024IDE-TRPBF LT3024EFE-T |
Dual 100mA/500mA Low Dropout, Low Noise,Micropower Regulator
|
Linear Technology
|
MIC5209-2.5YM MIC5209-2.5YS MIC5209-2.5YU MIC5209- |
500mA Low-Noise LDO Regulator IC REG LDO 500MA 5.0V LN TO263-5 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO5 500mA Low-Noise LDO Regulator
|
Micrel Semiconductor, Inc.
|
APL5551KI-TR APL5551 APL5551KAI-TR APL5551KAI-TRL |
Dual Channel 500mA/500mA Regulator Reset IC
|
ANPEC[Anpec Electronics Coropration]
|
APL5546-AKAI-TRL |
Dual Channel 500mA/500mA Regulator Reset IC
|
Anpec Electronics Coropration
|
LT1175_05 LT1175 LT1175CN8 LT1175CN8-5 LT1175CQ LT |
500mA Negative Low Dropout Micropower Regulator; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 500mA Negative Low Dropout Micropower Regulator; Package: DD PAK; No of Pins: 5; Temperature Range: 0°C to 70°C 3.743 V-3.857 V ADJUSTABLE NEGATIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO5 500mA Negative Low Dropout Micropower Regulator; Package: SOT; No of Pins: 3; Temperature Range: -40°C to 85°C
|
Linear Technology, Corp. LINER[Linear Technology] LINEAR TECHNOLOGY CORP
|
AIC1740 AIC1740-18CE AIC1740-18CF AIC1740-18CY AIC |
Low Output Voltage, 500mA Low Dropout Linear Regulator 低输出电压,500mA的低压差线性稳压器 Dual 4-input positive-NAND gates 14-SO 0 to 70 低输出电压,500mA的低压差线性稳压器 Dual 4-input positive-AND gates 14-SOIC 0 to 70 低输出电压,500mA的低压差线性稳压器 Low Output Voltage/ 500mA Low Dropout Linear Regulator Dual 4-input positive-AND gates 14-SO 0 to 70 Dual 4-input positive-AND gates 14-PDIP 0 to 70
|
Molex, Inc. Analog Integrations, Corp. AIC[Analog Intergrations Corporation] Analog Integrations Corporation
|
AMS3106M1-XXBP AMS3106AM1-XXPG AMS3106AM1-XXBP AMS |
500mA LOW DROPOUT VOLTAGE REGULATOR
|
Advanced Monolithic Systems
|
NJW4186DL3 NJW4185 NJW4185DL3 |
40V Io=500mA Low dropout Regulator
|
New Japan Radio
|
AMS290705 AMS2907-1.5 AMS2907-1.8 AMS2907-2.5 AMS2 |
500mA LOW DROPOUT VOLTAGE REGULATOR
|
Advanced Monolithic Sys... Advanced Monolithic Systems http://
|
RT9163-50CGF RT9163-50CGL RT9163-50CGT |
500MA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
|
ETC
|