PART |
Description |
Maker |
87568-3093 87831-3020 87568-1063 87568-1493 87833- |
Vertical and Right Angle Header, IDT Receptacle
|
MolexKits
|
26-48-1026 26-48-1236 26-48-2056 26-48-1196 26-48- |
Header Connector,PCB Mnt,RECEPT,2 Contacts,PIN,0.156 Pitch,R ANGLE PC TAIL Terminal,LATCH 2 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 156 Header Assy FrLk Break 23 Ckt Tin 23 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 26482056 5 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 156 Header Assy FrLk Break 19 Ckt Tin 19 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 156 Header Assy FrLk Break 21 Ckt Gol 21 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,4 Contacts,PIN,0.156 Pitch,R ANGLE PC TAIL Terminal,LATCH 4 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,7 Contacts,PIN,0.156 Pitch,R ANGLE PC TAIL Terminal,LATCH 7 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Pin Header; Number of Contacts:24; Pitch Spacing:3.96mm; Number of Rows:1; Gender:Header; Series:41672; Body Material:Polyester, Glass-filled; Color:Black; Connecting Termination:Thru-Hole; Contact Plating:Tin Breakaway Header; No. of Contacts:10; Pitch Spacing:0.156"; No. of Rows:1; Gender:Header; Series:41672; Body Material:Polyester, Glass-filled; Current Rating:7A; Voltage Rating:250V RoHS Compliant: Yes
|
Molex, Inc. MOLEX INC
|
03-06-2061 |
Header Connector,Cable Mnt,RECEPT,6 Contacts,PIN/SKT,0.145 Pitch,LATCH 6 CONTACT(S), MALE, POWER CONNECTOR, PLUG
|
Molex, Inc.
|
1755736 1755765 1755804 1755749 1755752 1755817 17 |
HEADER PCB VERT 5.08MM 2WAY HEADER PCB VERT 5.08MM 5WAY HEADER PCB VERT 5.08MM 9WAY HEADER PCB VERT 5.08MM 3WAY HEADER PCB VERT 5.08MM 4WAY HEADER PCB VERT 5.08MM 10WAY HEADER PCB VERT 5.08MM 6WAY HEADER PCB VERT 5.08MM 8WAY Header with side panels, plug-in direction vertical to the p.c.b. Header with side panels, plug-in direction vertical to the p.c.b.
|
PHOENIX CONTACT
|
22-12-2141 22-05-2211 22-05-2251 22-05-2141 22-05- |
14 PIN HEADER, RIGHT ANGLE 2.54MM PITCH (MEMBRANE) 14 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 100 HDR FLAT RTAN 21CKT TIN 21 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,25 Contacts,PIN,0.100 Pitch,PC TAIL Terminal 25 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,14 Contacts,PIN,0.1 Pitch,PC TAIL Terminal 14 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 100 HDR FLAT RTAN 20CKT TIN KK 100 HDR FLAT RTAN 22CKT GOLD HEADER, SQ PIN 0.1" R/A 4WAY ; Ways, No. of:4; Pitch:2.54mm; Approval Bodies:UL, CSA; Colour:White; Current rating:2.5A; Diameter, PCB hole:1.02mm; Dielectric strength:1500V/m; Flammability rating:UL94V-0; Force, de-mating:0.57N; KK 100 HDR FLAT RTAN 2CKT TIN Pin Header; Number of Contacts:10; Pitch Spacing:2.54mm; Number of Rows:1; Gender:Header; Series:4094; Body Material:PA Polyamide (Nylon) 6/6; Color:White; Connecting Termination:Thru-Hole; Contact Plating:Gold
|
Molex, Inc. MOLEX INC
|
90327-0304 90327-0306 90327-0308 90327-0310 90327- |
Right Angle Header and IDT Receptacle
|
MolexKits
|
71660-3530 0716603530 |
1.27mm (.050) Pitch EBBI 50D - Receptacle, Vertical, IDT
|
Molex Electronics Ltd.
|
0923171604 92317-1604 |
Picoflex? PF-50 IDT-to-IDT Z-Style Picoflex垄莽 PF-50 IDT-to-IDT Z-Style
|
Molex Electronics Ltd.
|
14-56-8052 14-56-8122 14-56-8112 14-56-8142 |
CGrid SL IDT Opt G 30 SAu 5Ckt 5 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC CGrid SL IDT Opt G 30 SAu 12Ckt CGrid SL IDT Opt G 30 SAu 11CKT CGrid SL IDT Opt G 30 SAu 14CKT
|
Molex, Inc. MOLEX INC
|
0923170801 92317-0801 |
Picoflex? PF-50 IDT-to-IDT Z-Style, 8 Circuits Picoflex庐 PF-50 IDT-to-IDT Z-Style, 8 Circuits
|
Molex Electronics Ltd.
|
|