PART |
Description |
Maker |
DSFT313H |
The FT313H is a Hi-Speed Universal Serial Bus (USB) Host Controller compatible with Universal Serial Bus Specification Rev 2.0 and supports data transfer speeds of up to 480M bit/s.
|
Future Technology Devices International Ltd.
|
M27C64A M27C64A-15C1TR M27C64A-15C1X M27C64A-15C6T |
512 Kbit 32Kb x16 OTP EPROM 64K (8K x 8) UV EPROM and OTP ROM From old datasheet system 3.3-V 12-Bit Universal Bus Driver with Parity Checker and Dual 3-State Outputs 56-TVSOP -40 to 85 3.3-V 12-Bit Universal Bus Driver with Parity Checker and Dual 3-State Outputs 56-SSOP -40 to 85 3.3-V 12-Bit Universal Bus Driver with Parity Checker and Dual 3-State Outputs 56-TSSOP -40 to 85 18-Bit Universal Bus Driver With 3-State Outputs 56-SSOP -40 to 85 Octal Buffer/Driver With 3-State Outputs 20-SOIC -40 to 85 64千位× 8紫外KB的EPROM的和OTP存储 64 Kbit 8Kb x 8 UV EPROM and OTP EPROM 64千位× 8紫外KB的EPROM的和OTP存储
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
IDT74ALVCH32501 |
3.3V CMOS 36-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
|
IDT
|
IDT74H16501PA IDT74H16501PV IDT74ALVCH16501 IDT74A |
3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
|
IDT Integrated Device Technology
|
IDT74ALVCH16601 |
3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
|
IDT
|
GTLP18T612G GTLP18T612GX GTLP18T612MEAX GTLP18T612 |
18-Bit LVTTL/GTLP Universal Bus Transceiver BUS TRANSCEIVER|SINGLE|18-BIT|CMOS|TSSOP|56PIN|PLASTIC
|
FAIRCHILD SEMICONDUCTOR CORP
|
74ALVCH162601 74ALVCH162601DGG |
18-bit universal bus transceiver with 30Ω termination resistor (3-State)(30Ω终端电阻器的18位通用总线收发器(三态)) 18-bit universal bus transceiver with 30 ohm termination resistor; 3-state
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
74LVT16501A 74LVT16501ADGG 74LVT16501ADL VT16501AD |
3.3V LVT 18-bit universal bus transceiver 3-State 3.3V LVT 18-bit universal bus transceiver(3-State)(3.3V LVT 18位通用总线收发器(三态)) 3.3V LVT 18-bit universal bus transceiver(3-State)(3.3V LVT 18浣???ㄦ?绾挎????锛?????)
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
74ALVC162835 74ALVC162835T |
Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs/Outputs and 26з Series Resistors in Outputs 低电8位通用总线输入3.6V的容错驱动器/输出6з在输出串联电 Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs/Outputs and 26 Series Resistors in Outputs Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs/Outputs and 26-Ohm Series Resistors in Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
4034B |
CMOS 8-BIT UNIVERSAL BUS REGISTER
|
RANDE[R & E International, Inc.]
|
74ALVCH16501DGG 74ALVCH16501DL |
18-bit universal bus transceiver; 3-state
|
NXP Semiconductors N.V.
|
BT16501ADGG |
18-bit universal bus transceiver 3-State
|
NXP Semiconductors
|