PART |
Description |
Maker |
15-24-3052 15-24-3053 15-24-3000 |
4 CKT PWR CONN - BLACK A701565002 4 CONTACT(S), FEMALE, POWER CONNECTOR, IDC 4CKT TIN PWR CONN W/YELLO 701565003 4 CONTACT(S), FEMALE, POWER CONNECTOR, IDC Disk Drive Pwr IDT Fem V2 16awg Strnd 4 CONTACT(S), FEMALE, POWER CONNECTOR, IDC
|
Molex, Inc.
|
PX50-SC-TC PX-50-SC-TC PX50-SC-131 HT104_PX50-3 AP |
6 CONTACT(S), FEMALE, POWER CONNECTOR, CRIMP Power Supply Connectors For Industrial Equipment 8 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE ROHS COMPLIANT
|
Hirose Electric PATLITE, Corp.
|
44769-2403 44769-2003 44769-0601 44769-0801 44769- |
Micro-Fit BMI Vt Hdr F DR 30Au 24Ckt 24 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE Micro-Fit BMI Vt Hdr F DR 30Au 20Ckt 20 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE CONN HDR RCPT 6POS VERT TIN PCB 6 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE CONN HDR RCPT 8POS VERT TIN PCB 8 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE CONN HDR RCPT 4POS VERT TIN PCB 4 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE CONN HEADER 10POS 3MM VERT PCB 10 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE
|
Molex, Inc.
|
22-45-4056 22-45-4046 |
CONN WIRE TRAP LITE 5POS TIN 5 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER 4 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER
|
Molex, Inc. MOLEX INC
|
PMSS-08-24-SP-03.00-D-LUX PMSS-08-24-HP-03.00-D-LU |
8 CONTACT(S), FEMALE, POWER CONNECTOR 2 CONTACT(S), FEMALE, POWER CONNECTOR 9 CONTACT(S), FEMALE, POWER CONNECTOR INTERCONNECTION DEVICE
|
Samtec, Inc. SAMTEC INC
|
41F8CP320 S130 |
8 CONTACT(S), FEMALE, POWER CONNECTOR, PRESS FIT 8 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER
|
POSITRONIC INDUSTRIES INC
|
35150-0614 35150-0610 |
1.80MM W/W PLUG 6CKT 351500614 6 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, PLUG 1.8MM SEC.LOCK REC HSNG 351500610 6 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, PLUG
|
Molex, Inc.
|
15-06-0101 15-06-0180 15-06-0141 |
MiniFit BMI Rcpt/PanMnt V-0 10Ckt 10 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE Connector Housing; No. of Contacts:18; Pitch Spacing:4.2mm; No. of Rows:2; Series:Mini-Fit BMI; Connector Body Material:Nylon; Contact Termination:Crimp 18 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE Header Connector,Cable Mnt,PLUG,14 Contacts,SKT,0.165 Pitch,HOLE .164-.189
|
Molex, Inc. MOLEX INC
|
M80-4655005 M80-4753405 M80-4651242A M80-4650642A |
50 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Datamate J-Tek DIL Female Large Bore Crimp Connector, Extended Wall, gold clip gold shell, no jackscrews, 17 17-way 34 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Linear Technology, Corp. Harwin PLC HARWIN INC
|
M80-7181505 M80-7180605A |
Datamate J-Tek 3-Row Female Small Bore Crimp Connector, no jackscrews, gold clip gold shell, 15 signal 2 power 17 CONTACT(S), FEMALE, TELECOM AND DATACOM CONNECTOR, CRIMP 8 CONTACT(S), FEMALE, TELECOM AND DATACOM CONNECTOR, CRIMP
|
Harwin PLC HARWIN INC
|
52559-2372 52559-0672 52559-2172 52559-3272 |
0.5 FPC ZIF Hsg Assy SMT 23Ckt EmbsTpPkg 23 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SURFACE MOUNT Flex Cable Connector,PCB Mnt,6 Contacts,Number Of Contact Rows:1,SURFACE MOUNT Terminal,LOCKING 6 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SURFACE MOUNT 525592172 21 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SURFACE MOUNT CON SMD ZIF 32P.5MM STR 32 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SURFACE MOUNT
|
Molex, Inc.
|
|