PART |
Description |
Maker |
1120955007 TCDEI-8D0P-D1U SD-112095-5003 |
BradControl Class 60mm 8 Port IO module, 16 Inputs PNP MOLEX Connector
|
Molex Electronics Ltd.
|
1120955028 SD-112095-5021 SD-112095-5028 |
BradControl Class 60mm 8 Port IO module, 8 Inputs, 8 Outputs PNP MOLEX Connector
|
Molex Electronics Ltd.
|
1120955005 TCDEI-8B4N-D1U SD-112095-5003 |
BradControl Class 60mm 8 Port IO module, 12 Inputs, 4 Outputs NPN MOLEX Connector
|
Molex Electronics Ltd.
|
SD-112038-5003 TCDDN-8B4P-KKU TCDDN-8B4P-KKU-T 112 |
BradControl Class 60mm 8 Port IO module, 12 Inputs/4 Outputs, M23 with the additional terminal block
|
Molex Electronics Ltd.
|
0936278020 |
MXMag Gigabit 8 Core Single-Port RJ45 Connector, 21.60mm Depth, 3.30mm
|
Molex Electronics Ltd.
|
BQ-N334RD |
0.30(7.60MM) FOUR DIGIT LED DISPLAY 0.30.60MM)四个数字LED显示
|
Bright LED Electronics, Corp. Bright LED Electronics Corp.
|
ISL1561IRZ ISL1561IRZ-T13 |
Fixed Gain Dual Port Class-G Differential xDSL Line Driver 3 pin serial port interface
|
Intersil Corporation
|
ISL1561 |
Fixed Gain Dual Port Class-G Differential xDSL Line Driver
|
Intersil
|
500L-058X181-502 500T-058X071-501 500T-058X071-502 |
5000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 500:5 A, 2 % ACCURACY CLASS, CURRENT TRANSFORMER 4000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 400:5 A, 3 % ACCURACY CLASS, CURRENT TRANSFORMER 750:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 2500:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1200:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1500:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER
|
GE Industrial Systems
|
MPR7000 |
EPC Class 0/1 and 0 in PCMCIA Type II Pkg. 的EPC Class 0 / 1和II型PCMCIA包装0
|
Electronic Theatre Controls, Inc.
|
MRF6S20010N MRF6S20010NR1 MRF6S20010GNR1 |
RF Power Field Effect Transistors The MRF6S20010NR1 and MRF6S20010GNR1 are designed for Class A or Class AB general purpose applications
|
Freescale Semiconductor, Inc MOTOROLA
|