PART |
Description |
Maker |
2010.0013 |
Miniature Telecom fuse available in 10 piece blisterTape; Voltage Rating: 250V; Current Rating: 0.4A; Characteristic: TIME LAG BLOW ELECTRIC FUSE, 0.4A, 250VAC, 35A (IR), INLINE/HOLDER
|
SCHURTER AG
|
L5622.5A |
L562 MINIATURE GLASS FUSE LINKS
|
List of Unclassifed Man...
|
0001.1001 0001.1002 0001.1003 0001.1004 00011001 0 |
Miniature Fuse, 5 x 20 mm, Quick-Acting F, H, 250 VAC
|
Schurter Inc.
|
7022.0510 7022.0550 7022.0560 7022.0570 7022.0580 |
Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 500 VAC
|
Schurter Inc.
|
00011021 0001.1022 0001.1024 0001.1025 0001.1027 0 |
Miniature Fuse, 6.3 x 32 mm, Quick-Acting F, Sand, 250 VAC
|
Schurter Inc.
|
2020.0001 2020.0002 2020.0003 2020.0004 2020.0005 |
Miniature Fuse, 5 x 20 mm, Time-Lag T, Telecom, H, 250 VAC
|
Schurter Inc.
|
00343761 0034.3766 0034.3768 0034.3771 0034.3762 0 |
Miniature Fuse, 5 x 20 mm, Time-Lag T, cULus, 250 VAC
|
Schurter Inc.
|
7015.1280 70151130 7015.1620 7015.1610 7015.1660 7 |
Miniature Fuse, 6.3 x 32 mm, Quick-Acting F, NNO, 220 VAC
|
Schurter Inc.
|
FRT250T 7100.1125.XX 7100.1017.XX 7100.1117.XX 710 |
TIME LAG BLOW ELECTRIC FUSE, 0.5A, 250VAC, 250VDC, 35A (IR), THROUGH HOLE Subminiature Fuse, 11.5 x 5 mm, Tr?e T Subminiature Fuse, 11.5 x 5 mm, Tr庐e T Subminiature Fuse, 11.5 x 5 mm, Tr盲ge T
|
Schurter Inc.
|
215200 215025 217040 217040P 215800 215400 215250 |
5 x 20 mm Time Lag Fuse (Slo-Blo Fuse) 5 x 20 mm Fast-Acting Fuse
|
LITTELFUSE[Littelfuse]
|
FWH-500A COOPERINDUSTRIES-FWH-225A |
Semiconductor Fuse; Current Rating:500A; Voltage Rating:500V; Fuse Size/Group:1.5 x 2.09 "; Fuse Type:Fast Acting; Fuse Terminals:Blade; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Series:FWH RoHS Compliant: No
|
COOPER INDUSTRIES
|
SR-5-1.25A-BK COOPERINDUSTRIES-SR-5-1.25A-AP SR-5- |
FUSE 1.25A 250V T-LAG IEC SHORT TIME DELAY BLOW ELECTRIC FUSE, 1.25A, 250VAC, 35A (IR), THROUGH HOLE FUSE 1.6A 250V T-LAG IEC SHORT PC Board Fuse; Current Rating:1A; Voltage Rating:250V; Fuse Terminals:Radial Lead; Fuse Size/Group:Subminiature; Fuse Type:Time Delay; Interrupting Current Max:35A; Leaded Process Compatible:Yes; Packaging:Ammo Pack FUSE 1A 250V T-LAG IEC SHORT Subminiature Fuses
|
Cooper Bussmann, Inc. COOPER INDUSTRIES List of Unclassifed Man...
|