PART |
Description |
Maker |
USB-A-001A USB-A-001A-30 USB-A-002A USB-A-002A-30 |
Universal Serial Bus, Type A - 90° Receptacle Universal Serial Bus, Type A - 90隆? Receptacle
|
Yamaichi Electronics Co., Ltd.
|
48258-0001 SD-48258-001 0482580001 |
Universal Serial Bus (USB) Shielded I/O Receptacle, Type A, Right Angle, Reverse Type, Mid Mount with side flange
|
Molex Electronics Ltd.
|
0676431911 67643-1911 |
Universal Serial Bus (USB) Shielded I/O Receptacle, Right Angle, Type A, WhitePolyester, 0.76μm (30μ) Gold (Au) Plating, PCB Thickness 1.60mm (.063), without Universal Serial Bus (USB) Shielded I/O Receptacle, Right Angle, Type A, WhitePolyester, 0.76渭m (30渭") Gold (Au) Plating, PCB Thickness 1.60mm (.063"), without
|
Molex Electronics Ltd.
|
SD-105057-001 |
Universal Serial Bus (USB) Shielded I/O Type A Receptacle, Vertical, 0.76渭m (30u") Gold (Au) Plating
|
Molex Electronics Ltd.
|
0480372001 48037-2001 |
Universal Serial Bus (USB) Shielded I/O Plug, Type A, Right Angle, Surface Mount,0.76渭m (30渭") Gold (Au) Plating, PCB Thickness 1.60mm (.063"), Tape on Reel Pac Universal Serial Bus (USB) Shielded I/O Plug, Type A, Right Angle, Surface Mount,0.76μm (30μ) Gold (Au) Plating, PCB Thickness 1.60mm (.063), Tape on Reel Package
|
Molex Electronics Ltd.
|
48258-0002 0482580002 |
Universal Serial Bus (USB) Shielded I/O Receptacle, Type A, Right Angle,Sink Reverse Type, Mid Mount with side flange and Beveled Metal Pins, 0.76μm (30μ) Gold (Au) Plating, Lead free
|
Molex Electronics Ltd.
|
0894858003 89485-8003 |
Universal Serial Bus (USB) Shielded I/O Type A Receptacle, Single Upright, Right Angle, Terminal Length 2.50mm (.098), Without Mylar
|
Molex Electronics Ltd.
|
0676431910 67643-1910 |
Universal Serial Bus (USB) Shielded I/O Receptacle, Right Angle, Type A, WhitePolyester, Gold (Au) Flash Plating, PCB Thickness 1.60mm (.063), without Upper Universal Serial Bus (USB) Shielded I/O Receptacle, Right Angle, Type A, WhitePolyester, Gold (Au) Flash Plating, PCB Thickness 1.60mm (.063"), without Upper
|
Molex Electronics Ltd.
|
0676433910 67643-3910 |
Universal Serial Bus (USB) Shielded I/O Receptacle, Right Angle, Type A, HighTemperature White Nylon, Gold (Au) Flash, PCB Thickness 1.60mm (.063), without
|
Molex Electronics Ltd.
|
0887329302 |
Universal Serial Bus (USB) Shielded I/O Cable Assembly, Type A-to-B, USB 1.1, 3.34m (11.0) Length, Black
|
Molex Electronics Ltd.
|
0894858030 |
Universal Serial Bus (USB) Shielded I/O Type A Receptacle, Single Upright, Right Angle, Terminal Length 2.00mm (.079), Without Mylar, Gold (Au) Flash Plating
|
Molex Electronics Ltd.
|
0676430980 67643-0980 |
Universal Serial Bus (USB) Shielded I/O Receptacle, Right Angle, Type A, HighTemperature Black Nylon, Gold (Au) Flash Plating, PCB Thickness 1.20mm (.047"), Universal Serial Bus (USB) Shielded I/O Receptacle, Right Angle, Type A, HighTemperature Black Nylon, Gold (Au) Flash Plating, PCB Thickness 1.20mm (.047),
|
Molex Electronics Ltd. http://
|
|