PART |
Description |
Maker |
SF480-4 |
480.00 MHz SAW Filter
|
Vanlong Technology Co., Ltd.
|
SF480-2 |
480.00 MHz SAW Filter
|
Vanlong Technology Co., Ltd.
|
SAFC942.5MYJ1C0T-TC00 SAFC902.5MC90T-TC11 SAFC902. |
1 FUNCTIONS, 942.5 MHz, SAW FILTER CERAMIC, SC33 1 FUNCTIONS, 902.5 MHz, SAW FILTER 1 FUNCTIONS, 930.5 MHz, SAW FILTER 1 FUNCTIONS, 1575.5 MHz, SAW FILTER 1 FUNCTIONS, 895.5 MHz, SAW FILTER 1 FUNCTIONS, 1960 MHz, SAW FILTER 1 FUNCTIONS, 947.5 MHz, SAW FILTER 1 FUNCTIONS, 820 MHz, SAW FILTER
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
SAFSE1G96KD0T00 SAFSE1G95KC0T00 SAFSE1G57KA0T09 SA |
1 FUNCTIONS, 1960 MHz, SAW FILTER 1 FUNCTIONS, 1950 MHz, SAW FILTER 1 FUNCTIONS, 1575.42 MHz, SAW FILTER 1 FUNCTIONS, 851 MHz, SAW FILTER 1 FUNCTIONS, 1575.5 MHz, SAW FILTER 1 FUNCTIONS, 1842.5 MHz, SAW FILTER 1 FUNCTIONS, 2140 MHz, SAW FILTER 1 FUNCTIONS, 906 MHz, SAW FILTER
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
S3LP507L S3LP807L S3LP156L S3HP807L S3HP156L S3HP1 |
Surface Mount LC Filters High reliability part. For price, availability and ordering contact Coilcraft Critical Products, cp@coilcraft.com 30 MHz, HIGH PASS FILTER LC filter, high pass, SMT, RoHS 800 MHz, HIGH PASS FILTER LC filter, high pass, SMT, RoHS 300 MHz, HIGH PASS FILTER LC filter, high pass, SMT, RoHS 60 MHz, HIGH PASS FILTER LC filter, high pass, SMT, RoHS 500 MHz, HIGH PASS FILTER LC filter, high pass, SMT, RoHS 15 MHz, HIGH PASS FILTER LC filter, low pass, SMT, RoHS 1000 MHz, LOW PASS FILTER
|
Coilcraft lnc. http:// Coilcraft, Inc.
|
TB0648A |
SAW Filter 351MHz 90 MHz BW (SMD 5隆驴5 mm) SAW Filter 351MHz 90 MHz BW (SMD 5×5 mm)
|
TAI-SAW TECHNOLOGY CO., LTD.
|
TB0649A |
SAW Filter 255MHz 90 MHz BW (SMD 5隆驴5 mm) SAW Filter 255MHz 90 MHz BW (SMD 5×5 mm)
|
TAI-SAW TECHNOLOGY CO., LTD.
|
FAR-F6CE-1G9600-L2XB FAR-F6CE-1G9600-L2XB-U FAR-F6 |
1 FUNCTIONS, 2441.8 MHz, SAW FILTER Piezoelectric SAW BPF (1000 to 2500 MHz) 1 FUNCTIONS, 2484 MHz, SAW FILTER Piezoelectric SAW BPF (1000 to 2500 MHz) 1 FUNCTIONS, 1960 MHz, SAW FILTER 1 FUNCTIONS, 2140 MHz, SAW FILTER SWITCH SW DIP 5 5POS Aluminum Snap-In Capacitor; Capacitance: 3300uF; Voltage: 50V; Case Size: 22x35 mm; Packaging: Bulk Octal D-Type Positive Edge Triggered Flip-Flops with 3-State Outputs 20-SOIC 0 to 70
|
FUJITSU LTD Fujitsu, Ltd. Mini-Circuits Fujitsu Limited http:// Fujitsu Component Limited.
|
XC3S200-4VQ100I XC3S1000-4FTG256I XC3S200-4PQ208C |
200000 SYSTEM GATE 1.2 VOLT FPGA FPGA, 480 CLBS, 200000 GATES, 630 MHz, PQFP100 1000000 SYSTEM GATE 1.2 VOLT FPGA FPGA, 1920 CLBS, 1000000 GATES, 630 MHz, PBGA256 200000 SYSTEM GATE 1.2 VOLT FPGA FPGA, 480 CLBS, 200000 GATES, 630 MHz, PQFP208 200000 SYSTEM GATE 1.2 VOLT FPGA FPGA, 480 CLBS, 200000 GATES, 725 MHz, PQFP100 XC3S50-4CPG132I FPGA, 192 CLBS, 50000 GATES, 630 MHz, PBGA132 5000000 SYSTEM GATE 1.2 VOLT FPGA FPGA, 8320 CLBS, 5000000 GATES, 630 MHz, PBGA900 1500000 SYSTEM GATE 1.2 VOLT FPGA FPGA, 3328 CLBS, 1500000 GATES, 630 MHz, PBGA320
|
Xilinx, Inc. XILINX INC
|
TA2309A |
SAW Filter 1223 MHz GPS L2 SMD 1.1×0.9 mm (BW 52 MHz)
|
TAI-SAW TECHNOLOGY CO.,...
|
AFS434.0W02-TD01 |
SMD 434.00 MHz SAW FILTER
|
Abracon Corporation
|
|