PART |
Description |
Maker |
R1RW0408DGE-2PI R1RW0408DI |
Memory>Fast SRAM>Asynchronous SRAM Wide Temperature Range Version 4M High Speed SRAM (512-kword 】 8-bit) Wide Temperature Range Version 4M High Speed SRAM (512-kword 隆驴 8-bit) Wide Temperature Range Version 4M High Speed SRAM (512-kword × 8-bit)
|
Renesas Electronics Corporation
|
R1LV1616HBG-4SI R1LV1616HBG-5SI R1LV1616HBG-I |
Wide Temperature Range Version 16 M SRAM (1-Mword 16-bit) Wide Temperature Range Version 16 M SRAM (1-Mword 】 16-bit) Wide Temperature Range Version 16 M SRAM (1-Mword × 16-bit)
|
Renesas Electronics Corporation.
|
R1LV0416CSB-7LI |
Wide Temperature Range Version 4M SRAM (256-kword 16-bit)
|
Renesas Electronics Corporation.
|
R1RP0416DI-15 |
Wide Temperature Range Version 4M High Speed SRAM (256-kword × 16-bit)
|
Renesas Electronics Corporation
|
AD1385TD/883B AD1385 |
16-Bit 500 kHz Wide Temperature Range Sampling ADC(16浣?00kHz瀹芥俯搴???撮??妨/D杞???? 16-Bit 500 kHz Wide Temperature Range Sampling ADC 1-CH 16-BIT FLASH METHOD ADC, PARALLEL ACCESS, CDIP48 16-Bit 500 kHz Wide Temperature Range Sampling ADC(1600kHz宽温度范围采样A/D转换
|
Analog Devices, Inc.
|
VF59415046.72M VF594SL15046.72M VF594L15046.72M VF |
Wide Frequency Range, Very Low Phase Jitter, Wide Pullability, Standard Footprint, Wide Operating Temperature, EMI Shielded 频率范围宽,非常低相位抖动,宽Pullability,标准足迹,宽工作温度,电磁屏蔽
|
ECM Electronics List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
PG-101 PG-104 PG-2BC |
3A, Fast Transient Response, Low Noise, LDO Regulators; Package: TO-220; No of Pins: 5; Temperature Range: -40°C to 125°C High Power CCFL Controller for Wide Dimming Range and Maximum Lamp Lifetime; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C
|
Samsung Semiconductor Co., Ltd.
|
T2851N |
Full blocking 50/60Hz over a wide range temperature range
|
Infineon Technologies A...
|
HN58V66AI HN58V65API-10 HN58V65API-10E HN58V65AT-1 |
Memory>EEPROM>Parallel EEPROM 64k EEPROM (8-kword x 8-bit) Ready/Busy function, RES function (HN58V66A) Wide Temperature Range version
|
RENESAS[Renesas Electronics Corporation]
|
R1LV1616HSA-5SI R1LV1616H-I R1LV1616HSA-4LI R1LV16 |
Memory>Low Power SRAM Wide Temperature Range Version 16 M SRAM (1-Mword 】 16-bit / 2-Mword 】 8-bit)
|
RENESAS[Renesas Electronics Corporation]
|